Electronic Components Datasheet Search
  English  ▼

X  

DS2764AX/T Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS2764AX/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AX/T Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS2764AX/T Datasheet HTML 8Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 9Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 10Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 11Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 12Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 13Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 14Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 15Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
12 of 20
CURRENT OFFSET COMPENSATION
The current measurement and current accumulation are internally compensated for offset on a continual basis
minimizing error resulting from variations in device temperature and voltage. Additionally, the Current Offset Bias
register is a user programmable constant bias that can be used to alter the offset of the Current and Accumulated
current registers. User programmed bias values can be used to correct for offset errors after final assembly of the
module or pack. An offset value can be purposely chosen to bias current accumulation in the discharge polarity to
ensure a pessimistic accounting of
mA level standby currents.
The Current Offset Bias value resides in EEPROM address 33h in two’s-complement format and is subtracted from
current measurements during the accumulation process. The Current Offset Bias is applied to the internal and
external sense resistor configurations. The factory default for EEPROM address 33h is 0.
Figure 7. Current Offset Bias
Address 33
S
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
Units: 0.625mA for Internal Sense Resistor
15.625
mV for External Sense Resistor
VOLTAGE MEASUREMENT
The DS2764 continually measures the voltage between pins VIN and VSS over a 0 to 4.75V range. The voltage
register is updated in two’s-complement format every 3.4ms with a 4.88mV resolution. Voltages above the
maximum register value are reported as the maximum value. Figure 8 shows the voltage register format.
Figure 8. Voltage Register Format
MSB—Address 0C
LSB—Address 0D
S
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
X
MSb
LSb
MSb
LSb
Units: 4.88mV
TEMPERATURE MEASUREMENT
The DS2764 uses an integrated temperature sensor to continually measure battery temperature. Temperature
measurements are placed in the temperature register every 220ms in two’s-complement format with a 0.125°C
resolution over a
±127°C range. Figure 9 shows the temperature register format.
Figure 9. Temperature Register Format
MSB—Address 18
LSB—Address 19
S
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
X
MSb
LSb
MSb
LSb
Units: 0.125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com