Electronic Components Datasheet Search
  English  ▼

X  

CH559T Datasheet(PDF) 13 Page - Nanjing Qinheng Microelectronics Co., Ltd.

Part # CH559T
Description  8 - bit USB single chip microcomputer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WCH [Nanjing Qinheng Microelectronics Co., Ltd.]
Direct Link  http://wch.cn/
Logo WCH - Nanjing Qinheng Microelectronics Co., Ltd.

CH559T Datasheet(HTML) 13 Page - Nanjing Qinheng Microelectronics Co., Ltd.

Back Button CH559T Datasheet HTML 9Page - Nanjing Qinheng Microelectronics Co., Ltd. CH559T Datasheet HTML 10Page - Nanjing Qinheng Microelectronics Co., Ltd. CH559T Datasheet HTML 11Page - Nanjing Qinheng Microelectronics Co., Ltd. CH559T Datasheet HTML 12Page - Nanjing Qinheng Microelectronics Co., Ltd. CH559T Datasheet HTML 13Page - Nanjing Qinheng Microelectronics Co., Ltd. CH559T Datasheet HTML 14Page - Nanjing Qinheng Microelectronics Co., Ltd. CH559T Datasheet HTML 15Page - Nanjing Qinheng Microelectronics Co., Ltd. CH559T Datasheet HTML 16Page - Nanjing Qinheng Microelectronics Co., Ltd. CH559T Datasheet HTML 17Page - Nanjing Qinheng Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
CH559 手册
13
[7:0]
CHIP_ID
RO
固定值 59h,用于识别芯片
59h
安全模式控制寄存器(SAFE_MOD):
位
名称
访问
描述
复位值
[7:0]
SAFE_MOD
WO
用于进入或者终止安全模式
00h
部分 SFR 仅在安全模式下才能写入数据,而在非安全模式下总是只读状态。进入安全模式步骤:
(1)、向该寄存器写入 55h;
(2)、接着向该寄存器写入 AAh;
(3)、此后约 13 到 23 个系统主频周期都处于安全模式下,该有效期内可以改写一个或多个安全类
SFR 或普通 SFR
(4)、超出上述有效期后自动终止安全模式
(5)、或者再向该寄存器写任意值可以提前终止安全模式
6、存储器结构
6.1 存储器空间
CH559 寻址空间分为程序存储空间、内部数据存储空间、外部数据存储空间。
图 6.1 存储器结构图
Upper 128 bytes internal RAM
(indirect addressing by @R0/R1)
SFR
(Direct addressing)
Lower 128 bytes internal RAM
(direct or indirect addressing)
FFH
80H
7FH
00H
Internal Data Address Space
Configuration information
ROM_CFG_ADDR
Data Flash or Code Flash
DATA_FLASH_ADDR
Boot Loader Code Flash
BOOT_LOAD_ADDR
Program Address Space
External Data Address Space
FFFFH
8000H
7FFFH
4000H
3FFFH
2990H
298FH
2440H
243FH
1800H
17FFH
0000H
6KB on-chip expanded xRAM @xdata
(indirect addressing by MOVX)
Reserved area @xdata
xSFR area @xdata
(indirect addressing by MOVX)
Reserved area @xdata
xCS0/xBUS0 @xdata, 16KB
(indirect addressing by MOVX)
xCS1/xBUS1 @xdata, 32KB
(indirect addressing by MOVX)
Application Code Flash
FFFFH
FFFEH
FFFDH
F400H
F3FFH
F000H
EFFFH
0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com