Electronic Components Datasheet Search
  English  ▼

X  

GD25LE05C Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
19
Reset
99H
Set Burst with Wrap
77H
W6-W4
Program/Erase
Suspend
75H
Program/Erase Resume
7AH
Enable SO to output
RY/BY#
70H
Disable SO to output
RY/BY#
80H
Deep Power-Down
B9H
Release From Deep
Power-Down, And
Read Device ID
ABH
dummy
dummy
dummy
(ID7-ID0)
(continuous)
Release From Deep
Power-Down
ABH
Manufacturer/
Device ID
90H
dummy
dummy
00H
(M7-M0)
(ID7-ID0)
(continuous)
Manufacturer/
Device ID by Dual I/O
92H
A23-A8
A7-A0,
M[7:0]
(M7-M0)
(ID7-ID0)
(continuous)
Manufacturer/
Device ID by Quad I/O
94H
A23-A0,
M[7:0]
dummy
(M7-M0)
(ID7-ID0)
(continuous)
Read Serial Flash
Discoverable Parameter
5AH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Read Unique ID
4BH
00H
00H
00H
dummy
(UID7-
UID0)
(continuous)
Read Identification
9FH
(M7-M0)
(ID15-ID8)
(ID7-ID0)
(continuous)
Erase Security
Registers(6)
44H
A23-A16
A15-A8
A7-A0
Program Security
Registers(6)
42H
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
Read Security
Registers(6)
48H
A23-A16
A15-A8
A7-A0
dummy
D7-D0
NOTE:
1. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
2. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8
A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9
A7, A5, A3, A1, M7, M5, M3, M1
3. Quad Output Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3,
…..)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com