Electronic Components Datasheet Search
  English  ▼

X  

GD25LE05C Datasheet(PDF) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25LE05C Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
4
1
FEATURES
◆ 4M/2M/1M/512K-bit Serial Flash
◆ Fast Program/Erase Speed
- 512K/256K/128K/64K-byte
- Page Program time: 0.7ms typical
- 256 bytes per programmable page
- Sector Erase time: 40ms typical
- Block Erase time: 0.15/0.18s typical
◆ Standard, Dual, Quad SPI
- Chip Erase time: 1.25/0.8/0.4/0.2s typical
- Standard SPI: SCLK, CS#, SI, SO, WP#, HOLD#
- Dual SPI: SCLK, CS#, IO0, IO1, WP#, HOLD#
◆ Flexible Architecture
- Quad SPI: SCLK, CS#, IO0, IO1, IO2, IO3
- Uniform Sector of 4K-byte
- Uniform Block of 32/64K-byte
◆ High Speed Clock Frequency
- Erase/Program Suspend/Resume
- 104MHz for fast read with 30PF load
- Dual I/O Data transfer up to 208Mbits/s
◆ Low Power Consumption
- Quad I/O Data transfer up to 416Mbits/s
- 9uA typical stand-by current
- 0.2uA typical power-down current
◆ Allows XIP (execute in place) Operation
- Continuous Read With 8/16/32/64-byte Wrap
◆ Advanced Security Features
- 128-bit Unique ID for each device
◆ Software/Hardware Write Protection
- 3x512-Byte Security Registers With OTP Lock
-Write protect all/portion of memory via software
-Enable/Disable protection with WP# Pin
◆ Single Power Supply Voltage
-Top/Bottom Block protection
- Full voltage range:1.65~2.1V
◆ Minimum 100,000 Program/Erase Cycles
◆ Data Retention
- 20-year data retention typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com