Electronic Components Datasheet Search
  English  ▼

X  

GD25LE05C Datasheet(PDF) 69 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 69 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
69
10.5 Package USON8 (3*2mm, 0.45mm thickness)
D
E
Top View
L
E1
D1
L1
b
Bottom View
Note(4)
e
A1
Side View
c
A
Note(4)
1
4
8
5
PIN 1#
or
or
Dimensions
Symbol
A
A1
c
b
D
D1
E
E1
e
L
L1
Unit
mm
Min
0.40
0.00
0.10
0.20
2.90
0.15
1.90
1.55
0.50
0.30
0.10
Nom
0.45
0.02
0.15
0.25
3.00
0.20
2.00
1.60
0.35
Max
0.50
0.05
0.20
0.30
3.10
0.25
2.10
1.65
0.40
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package factories. These lead shapes
are compatible with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com