Electronic Components Datasheet Search
  English  ▼

X  

GD25LE05C Datasheet(PDF) 24 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 24 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
24
Register (WRSR) command also allows the user to set or reset the Status Register Protect (SRP1 and SRP0) bits in
accordance with the Write Protect (WP#) signal. The Status Register Protect (SRP1 and SRP0) bits and Write Protect (WP#)
signal allow the device to be put in the Hardware Protected Mode. The Write Status Register (WRSR) command is not
executed once the Hardware Protected Mode is entered.
Figure6. Write Status Register Sequence Diagram
7.6 Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), and each bit is latched-in on the rising
edge of SCLK. Then the memory content, at that address, is shifted out on SO, and each bit is shifted out, at a Max frequency
fR, on the falling edge of SCLK. The first byte addressed can be at any location. The address is automatically incremented
to the next higher address after each byte of data is shifted out. The whole memory can, therefore, be read with a single
Read Data Bytes (READ) command. Any Read Data Bytes (READ) command, while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on the cycle that is in progress.
Figure7. Read Data Bytes Sequence Diagram
7.7 Read Data Bytes at Higher Speed (Fast Read) (0BH)
The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed by a 3-byte
address (A23-A0) and a dummy byte, and each bit is latched-in on the rising edge of SCLK. Then the memory content, at
that address, is shifted out on SO, and each bit is shifted out, at a Max frequency fC, on the falling edge of SCLK. The first
byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte
of data is shifted out.
Command
0
1
2
3
4
5
6
7
01H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Status Register in
16 17 18 19 20 21 22 23
15 14 13 12 11 10 9
8
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31 32
MSB
3
2
1
0
34 35 36 37
33
23 22 21
7
6
5
4
3
2
1
0
38 39
24-bit address
MSB
Data Out1
Data Out2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com