Electronic Components Datasheet Search
  English  ▼

X  

GD25LE05C Datasheet(PDF) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
53
(T= -40℃~125℃, VCC=1.65~2.1V)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit.
ILI
Input Leakage Current
±2
μA
ILO
Output Leakage Current
±2
μA
ICC1
Standby Current
CS#=VCC,
VIN=VCC or VSS
9
60
μA
ICC2
Deep Power-Down Current
CS#=VCC,
VIN=VCC or VSS
0.2
20
μA
ICC3
Operating Current (Read)
CLK=0.1VCC /
0.9VCC
at 90MHz,
Q=Open(*1,*2,*4 I/O)
5
12
mA
CLK=0.1VCC/
0.9VCC
at 80MHz,
Q=Open(*1,*2,*4 I/O)
4
10
mA
CLK=0.1VCC/
0.9VCC
at 48MHz,
Q=Open(*1,*2,*4 I/O)
3
8
mA
ICC4
Operating Current (PP)
CS#=VCC
30
mA
ICC5
Operating Current (WRSR)
CS#=VCC
30
mA
ICC6
Operating Current (SE)
CS#=VCC
30
mA
ICC7
Operating Current (BE)
CS#=VCC
30
mA
ICC8
Operating Current (CE)
CS#=VCC
30
mA
VIL
Input Low Voltage
0.2VCC
V
VIH
Input High Voltage
0.7VCC
V
VOL
Output Low Voltage
IOL
=100μA
0.2
V
VOH
Output High Voltage
IOH =-
100μA
VCC-0.2
V
Note:
1. Typical values given for TA=25°C.
2. Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com