Electronic Components Datasheet Search
  English  ▼

X  

GD25LE05C Datasheet(PDF) 62 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 62 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
62
9.1 Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LE40CTIG
4Mbit
SOP8 150mil
GD25LE20CTIG
2Mbit
GD25LE10CTIG
1Mbit
GD25LE05CTIG
512Kbit
GD25LE40CSIG
4Mbit
SOP8 208mil
GD25LE20CSIG
2Mbit
GD25LE10CSIG
1Mbit
GD25LE05CSIG
512Kbit
GD25LE40CMIG
4Mbit
VSOP8 150mil
GD25LE20CMIG
2Mbit
GD25LE10CMIG
1Mbit
GD25LE05CMIG
512Kbit
GD25LE40CVIG
4Mbit
VSOP8 208mil
GD25LE20CVIG
2Mbit
GD25LE10CVIG
1Mbit
GD25LE05CVIG
512Kbit
GD25LE40CEIG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LE20CEIG
2Mbit
GD25LE10CEIG
1Mbit
GD25LE05CEIG
512Kbit
GD25LE40CHIG
4Mbit
USON8 (3x3mm)
GD25LE20CHIG
2Mbit
GD25LE10CHIG
1Mbit
GD25LE05CHIG
512Kbit
GD25LE40CNIG
4Mbit
USON8 (3x4mm)
GD25LE20CNIG
2Mbit
GD25LE10CNIG
1Mbit
GD25LE05CNIG
512Kbit
GD25LE40CQIG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE20CQIG
2Mbit
GD25LE10CQIG
1Mbit
GD25LE05CQIG
512Kbit
GD25LE40CWIG
4Mbit
WSON8 (6x5mm)
GD25LE20CWIG
2Mbit
GD25LE10CWIG
1Mbit
GD25LE05CWIG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com