Electronic Components Datasheet Search
  English  ▼

X  

ADV202 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV202
Description  JPEG2000 Video Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202 Datasheet(HTML) 4 Page - Analog Devices

  ADV202 Datasheet HTML 1Page - Analog Devices ADV202 Datasheet HTML 2Page - Analog Devices ADV202 Datasheet HTML 3Page - Analog Devices ADV202 Datasheet HTML 4Page - Analog Devices ADV202 Datasheet HTML 5Page - Analog Devices ADV202 Datasheet HTML 6Page - Analog Devices ADV202 Datasheet HTML 7Page - Analog Devices ADV202 Datasheet HTML 8Page - Analog Devices ADV202 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADV202
Rev. 0 | Page 4 of 40
SPECIFICATONS
SUPPLY VOLTAGES AND CURRENT
Table 1.
Parameter
Description
Min
Typ
Max
Unit
VDD
DC Supply Voltage, Core
1.425
1.5
1.575
V
IOVDD
DC Supply Voltage, I/O
2.375
3.3
3.63
V
PLLVDD
DC Supply Voltage, PLL
1.425
1.5
1.575
V
VInput
Input Range
−0.3
VDDI/O + 0.3
V
Temp
Operating Ambient Temperature Range in Free Air
−40
+25
+85
°C
IDD
Static Current1
300
mA
Dynamic Current, Core (JCLK Frequency = 150 MHz)2
570
mA
Dynamic Current, Core (JCLK Frequency = 108 MHz)
420
mA
Dynamic Current, Core (JCLK Frequency = 81 MHz)
325
mA
Dynamic Current, I/O
20
mA
Dynamic Current, PLL
2.6
mA
1 No clock or I/O activity.
2 ADV202-150 only.
INPUT/OUTPUT SPECIFICATIONS
Table 2.
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIH (3.3 V)
High Level Input Voltage
VDD = max
2.2
V
VIH (2.5 V)
High Level Input Voltage
VDD = max
1.9
V
VIL (3.3 V, 2.5 V)
Low Level Input Voltage
VDD = min
0.6
V
VOH (3.3 V)
Hi-Level Output Voltage
VDD = min, IOH = −0.5 mA
2.4
V
VOH (2.5 V)
High Level Output Voltage
VDD = min, IOH = −0.5 mA
2.0
V
VOL (3.3 V, 2.5 V)
Low Level Output Voltage
VDD = min, IOL = 2 mA
0.4
V
IIH
High Level Input Current
VDD = max, VIN = VDD
1.0
µA
IIL
Low Level Input Current
VDD = max, VIN = 0V
1
µA
IOZH
High Level Three-State Leakage Current
VDD = max, VIN = VDD
1.0
µA
IOZL
Low Level Three-State Leakage Current
VDD = max, VIN = 0V
1.0
µA
IDD
Supply Current (Power Down)
VDD = max
100
µA
IDD
Supply Current (Active)
VDD = max
100
mA
CI
Input Pin Capacitance
8
pF
CO
Output Pin Capacitance
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com