Electronic Components Datasheet Search
  English  ▼

X  

ADV202 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV202
Description  JPEG2000 Video Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV202 Datasheet HTML 8Page - Analog Devices ADV202 Datasheet HTML 9Page - Analog Devices ADV202 Datasheet HTML 10Page - Analog Devices ADV202 Datasheet HTML 11Page - Analog Devices ADV202 Datasheet HTML 12Page - Analog Devices ADV202 Datasheet HTML 13Page - Analog Devices ADV202 Datasheet HTML 14Page - Analog Devices ADV202 Datasheet HTML 15Page - Analog Devices ADV202 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
ADV202
Rev. 0 | Page 12 of 40
EXTERNAL DMA MODE—FIFO WRITE, BURST MODE
Table 8.
Parameter
Desription
Min
Typ
Max
Unit
DREQPULSE
DREQ Pulse Width1
1
15
JCLK cycles2
t
DREQRTN
DACK to DREQ Deassert (DR × Pulse = 0)
2.5
3.5 × JCLK + 7.5 ns
JCLK cycles
t
DACKSU
DACK to WE Setup
0
ns
tSU
Data Setup
2.5
ns
tHD
Data Hold
2
ns
WELO
WE Assert Pulse Width
1.5
JCLK cycles
WEHI
WE Deassert Pulse Width
1.5
JCLK cycles
t
DREQWAIT
DACK Deassert to Next DREQ
2.5
4.5 × JCLK + 7.5 ns3
JCLK cycles
1 Applies to assigned DMA channel, if EDMOD0 or EDMOD1 <14:11> is programmed to a value that is NOT 0. Pulse width depends on the value programmed.
2 For a definition of JCLK, see the
section.
PLL
3 If sufficient space is available in FIFO.
DREQ
DACK
WE
HDATA
WEHI
WELO
tDACKSU
tHD
tSU
0
1
13
14
15
tDREQWAIT
DREQPULSE
Figure 13. Burst Write Cycle forDREQ/DMA Mode for Assigned DMA Channel
(EDMOD0/EDMOD1 <14:11> NOT Programmed to a Value of 0000)
DREQ
DACK
WE
HDATA
WEHI
WELO
tDACKSU
tHD
tSU
0
1
13
14
15
tDREQWAIT
tDREQRTN
Figure 14. Burst Write Cycle for DREQ/DMA Mode for Assigned DMA Channel
(EDMOD0/EDMOD1 <14:11> Programmed to a Value of 0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com