Electronic Components Datasheet Search
  English  ▼

X  

ADV202 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV202
Description  JPEG2000 Video Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV202 Datasheet HTML 3Page - Analog Devices ADV202 Datasheet HTML 4Page - Analog Devices ADV202 Datasheet HTML 5Page - Analog Devices ADV202 Datasheet HTML 6Page - Analog Devices ADV202 Datasheet HTML 7Page - Analog Devices ADV202 Datasheet HTML 8Page - Analog Devices ADV202 Datasheet HTML 9Page - Analog Devices ADV202 Datasheet HTML 10Page - Analog Devices ADV202 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ADV202
Rev. 0 | Page 7 of 40
NORMAL HOST MODE—WRITE OPERATION
Table 5.
Parameter
Description
Min
Typ
Max
Unit
t
ACK (Direct)
WE to ACK, Direct Registers and FIFO Accesses
5
1.5 × JCLK + 7.0 ns
ns
t
ACK (Indirect)
WE to ACK, Indirect Registers
5
2.5 × JCLK + 7.0 ns
ns
tSD
Data Setup
3.0
ns
tHD
Data Hold
1.5
ns
tSA
Address Setup
2
ns
tHA
Address Hold
2
ns
tSC
CS to WE Setup
0
ns
tHC
CS Hold
0
ns
tWH
Write Inactive Pulse Width (Minimum Time until Next WE Pulse)
2.5
JCLK1
tWL
Write Active Pulse Width
2.5
JCLK
tWCYC
Write Cycle Time
5
JCLK
1 For a definition of JCLK, see the
section.
PLL
ADDR
HDATA
tSA
tSC
tHC
tWL
tACK
tHD
tSD
tWH
tWCYC
tHA
CS
WE
ACK
VALID
Figure 4. Normal Host Mode—Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com