Electronic Components Datasheet Search
  English  ▼

X  

CS4271 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4271
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4271 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4271 Datasheet HTML 9Page - Cirrus Logic CS4271 Datasheet HTML 10Page - Cirrus Logic CS4271 Datasheet HTML 11Page - Cirrus Logic CS4271 Datasheet HTML 12Page - Cirrus Logic CS4271 Datasheet HTML 13Page - Cirrus Logic CS4271 Datasheet HTML 14Page - Cirrus Logic CS4271 Datasheet HTML 15Page - Cirrus Logic CS4271 Datasheet HTML 16Page - Cirrus Logic CS4271 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
CS4271
DS592F1
13
DAC COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
(cont) (Note 12)
Notes: 8. Slow Roll-Off interpolation filter is only available in control port mode.
9. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 21 to 44) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
10. Single and Double Speed Mode Measurement Bandwidth is from stopband to 3 Fs.
Quad Speed Mode Measurement Bandwidth is from stopband to 1.34 Fs.
11. De-emphasis is available only in Single Speed Mode; Only 44.1 kHz De-emphasis is available in Stand-
Alone Mode.
12. Plots of this data are contained in the “Appendix” on page 47. See Figure 21 through Figure 44.
Parameter
Slow Roll-Off (Note 8)
Unit
Min
Typ
Max
Single Speed Mode - 48 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
0.417
0.499
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
.583
-
-
Fs
StopBand Attenuation
(Note 10)
64
-
-
dB
Group Delay
-
6.5/Fs
-
s
De-emphasis Error (Note 11)
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
±0.23
±0.14
±0.09
dB
dB
dB
Double Speed Mode - 96 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.296
.499
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
dB
StopBand
.792
-
-
Fs
StopBand Attenuation
(Note 10)
70
-
-
dB
Group Delay
-
3.9/Fs
-
s
Quad Speed Mode - 192 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.104
.481
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
dB
StopBand
.868
-
-
Fs
StopBand Attenuation
(Note 10)
75
-
-
dB
Group Delay
-
4.2/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com