Electronic Components Datasheet Search
  English  ▼

X  

CS4271 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4271
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4271 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4271 Datasheet HTML 17Page - Cirrus Logic CS4271 Datasheet HTML 18Page - Cirrus Logic CS4271 Datasheet HTML 19Page - Cirrus Logic CS4271 Datasheet HTML 20Page - Cirrus Logic CS4271 Datasheet HTML 21Page - Cirrus Logic CS4271 Datasheet HTML 22Page - Cirrus Logic CS4271 Datasheet HTML 23Page - Cirrus Logic CS4271 Datasheet HTML 24Page - Cirrus Logic CS4271 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
CS4271
DS592F1
21
SWITCHING CHARACTERISTICS - I²C MODE CONTROL PORT
(Inputs: logic 0 = AGND, logic 1 = VL)
Notes: 21. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Parameter
Symbol
Min
Max
Unit
I²C Mode
SCL Clock Frequency.
fscl
-100
KHz
RST Rising Edge to Start.
tirs
500
-
ns
Bus Free Time Between Transmissions.
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse).
thdst
4.0
-
µs
Clock Low time.
tlow
4.7
-
µs
Clock High Time.
thigh
4.0
-
µs
Setup Time for Repeated Start Condition.
tsust
4.7
-
µs
SDA Hold Time from SCL Falling.
(Note 21)
thdd
0-
µs
SDA Setup time to SCL Rising.
tsud
250
-
ns
Rise Time of Both SDA and SCL Lines.
tr
-1
µs
Fall Time of Both SDA and SCL Lines.
tf
-300
ns
Setup Time for Stop Condition.
tsusp
4.7
-
µs
t
buf
t
hdst
t
hdst
t
low
t r
t f
t
hdd
t
high
t sud
t sust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
t
irs
RST
Figure 6. I²C Mode Control Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com