Electronic Components Datasheet Search
  English  ▼

X  

CS4271 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4271
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4271 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4271 Datasheet HTML 28Page - Cirrus Logic CS4271 Datasheet HTML 29Page - Cirrus Logic CS4271 Datasheet HTML 30Page - Cirrus Logic CS4271 Datasheet HTML 31Page - Cirrus Logic CS4271 Datasheet HTML 32Page - Cirrus Logic CS4271 Datasheet HTML 33Page - Cirrus Logic CS4271 Datasheet HTML 34Page - Cirrus Logic CS4271 Datasheet HTML 35Page - Cirrus Logic CS4271 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
CS4271
32
DS592F1
5.4
Analog Connections
5.4.1
Input Connections
The analog modulator samples the input at 6.144 MHz (MCLK=12.288 MHz). The digital filter will reject signals with-
in the stopband of the filter. However, there is no rejection for input signals which are (n
× 6.144 MHz) the digital
passband frequency, where n=0,1,2,... Refer to Figure 12 for a recommended analog input buffer that will attenuate
any noise energy at 6.144 MHz, in addition to providing the optimum source impedance for the modulators. The use
of capacitors which have a large voltage coefficient (such as general purpose ceramics) must be avoided since
these can degrade signal linearity. Figure 13 shows the full-scale analog input levels.
AINA
VQ2
VQ1
-
+
470 pF
C0G
CS4271
634
Ω
91
Ω
2700 pF
C0G
10
µF
10
µF
10 k
Ω
10 k
Ω
1
µF
0.1
µF
AINB
2700 pF
C0G
-
+
470 pF
C0G
91
Ω
634
Ω
-
+
VQ3
AINL
AINR
Figure 12. CS4271 Recommended Analog Input Buffer
CS4271
AINA
AINB
Full-Scale Input Level = 2.8 Vpp
3.9 V
2.5 V
1.1 V
3.9 V
2.5 V
1.1 V
Figure 13. Full-Scale Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com