Electronic Components Datasheet Search
  English  ▼

X  

CS4271 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4271
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4271 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4271 Datasheet HTML 12Page - Cirrus Logic CS4271 Datasheet HTML 13Page - Cirrus Logic CS4271 Datasheet HTML 14Page - Cirrus Logic CS4271 Datasheet HTML 15Page - Cirrus Logic CS4271 Datasheet HTML 16Page - Cirrus Logic CS4271 Datasheet HTML 17Page - Cirrus Logic CS4271 Datasheet HTML 18Page - Cirrus Logic CS4271 Datasheet HTML 19Page - Cirrus Logic CS4271 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
CS4271
16
DS592F1
ADC DIGITAL FILTER CHARACTERISTICS
(Note 17)
Notes: 15. The filter frequency response scales precisely with Fs.
16. Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
17. Plots of this data are contained in the “Appendix” on page 47. See Figure 45 through Figure 56.
Parameter
Symbol
Min
Typ
Max
Unit
Single Speed Mode
Passband
(-0.1 dB).
(Note 15)
0
-
0.47
Fs
Passband Ripple.
-
-
±0.035
dB
Stopband.
(Note 15)
0.58
-
-
Fs
Stopband Attenuation.
-95
-
-
dB
Group Delay.
tgd
-12/Fs
-
s
Double Speed Mode
Passband
(-0.1 dB).
(Note 15)
0
-
0.45
Fs
Passband Ripple.
-
-
±0.035
dB
Stopband.
(Note 15)
0.68
-
-
Fs
Stopband Attenuation.
-92
-
-
dB
Group Delay.
tgd
-9/Fs-
s
Quad Speed Mode
Passband
(-0.1 dB).
(Note 15)
0
-
0.24
Fs
Passband Ripple.
-
-
±0.035
dB
Stopband.
(Note 15)
0.78
-
-
Fs
Stopband Attenuation.
-97
-
-
dB
Group Delay.
tgd
-5/Fs-
s
High Pass Filter Characteristics
Frequency Response
-3.0 dB.
-0.13 dB.
(Note 16)
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz.
(Note 16)
-
10
-
Deg
Passband Ripple.
-
-
0
dB
Filter Settling Time.
105/Fs
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com