Electronic Components Datasheet Search
  English  ▼

X  

CS4271 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4271
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4271 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4271 Datasheet HTML 35Page - Cirrus Logic CS4271 Datasheet HTML 36Page - Cirrus Logic CS4271 Datasheet HTML 37Page - Cirrus Logic CS4271 Datasheet HTML 38Page - Cirrus Logic CS4271 Datasheet HTML 39Page - Cirrus Logic CS4271 Datasheet HTML 40Page - Cirrus Logic CS4271 Datasheet HTML 41Page - Cirrus Logic CS4271 Datasheet HTML 42Page - Cirrus Logic CS4271 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
CS4271
DS592F1
39
8.2
DAC Control - Address 02h
8.2.1
Auto-Mute (Bit 7)
Function:
When set, enables the Auto-Mute function. See “Auto-Mute” on page 30.
8.2.2
Interpolation Filter Select (Bit 6)
Function:
This Function allows the user to select whether the Interpolation Filter has a fast or slow roll off. When
set, this bit selects the slow roll off filter, when cleared it selects the fast roll off filter. The - 3 dB corner
is approximately the same for both filters, but the slope of the roll off is greater for the fast roll off filter.
8.2.3
De-Emphasis Control (Bits 5:4)
Function:
Implementation of the standard 50/15
µs digital de-emphasis filter response, Figure 19, requires re-
configuration of the digital filter to maintain the proper filter response for 32, 44.1 or 48 kHz sample
rates. NOTE: De-emphasis is available only in Single-Speed Mode. See Table 13 below.
7
654
32
10
AMUTE
FILT_SEL
DEM1
DEM0
RMP_UP
RMP_DN
INV_A
INV_B
Table 13. De-Emphasis Mode Selection
DEM1
DEM0
Description
0
0
Disabled (default)
0
1
44.1 kHz de-emphasis
1
0
48 kHz de-emphasis
1
1
32 kHz de-emphasis
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 19. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com