Electronic Components Datasheet Search
  English  ▼

X  

CS4271 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4271
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4271 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4271 Datasheet HTML 14Page - Cirrus Logic CS4271 Datasheet HTML 15Page - Cirrus Logic CS4271 Datasheet HTML 16Page - Cirrus Logic CS4271 Datasheet HTML 17Page - Cirrus Logic CS4271 Datasheet HTML 18Page - Cirrus Logic CS4271 Datasheet HTML 19Page - Cirrus Logic CS4271 Datasheet HTML 20Page - Cirrus Logic CS4271 Datasheet HTML 21Page - Cirrus Logic CS4271 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
CS4271
18
DS592F1
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT (Logic "0" = GND = 0 V;
Logic "1" = VL, CL = 20 pF)
Notes: 20. In Control Port Mode, the Ratio[1:0] bits must be configured according to tables 8 and 9 on
pages 28 and 29.
Parameter
Symbol
Min
Typ
Max
Unit
Sample Rate
Single Speed Mode
Double Speed Mode
Quad Speed Mode
Fs
Fs
Fs
4
50
100
-
-
-
50
100
200
kHz
kHz
kHz
MCLK Specifications
MCLK Frequency
Stand-Alone Mode
(note 20)
Control Port Mode
fmclk
fmclk
1.024
1.024
-
-
25.600
51.200
MHz
MHz
MCLK Input Pulse Width High/Low
Stand-Alone Mode
(note 20)
Control Port Mode
tclkhl
tclkhl
16
8
-
-
-
-
ns
ns
MCLK Output Duty Cycle
45
50
55
%
Master Mode
LRCK Duty Cycle
-
50
-
%
SCLK Duty Cycle
-
50
-
%
SCLK falling to LRCK edge
tslr
-10
-
10
ns
SCLK falling to SDOUT valid
tsdo
0
-
32
ns
SDIN valid to SCLK rising setup time
tsdis
16
-
-
ns
SCLK rising to SDIN hold time
tsdih
20
-
-
ns
Slave Mode
LRCK Duty Cycle
40
50
60
%
SCLK Period
(note 20)
Single Speed Mode
Double Speed Mode
Quad Speed Mode
tsclkw
tsclkw
tsclkw
-
-
-
-
-
-
s
s
s
SCLK Pulse Width High
tsclkh
30
-
-
ns
SCLK Pulse Width Low
tsclkl
48
-
-
ns
SCLK falling to LRCK edge
tslr
-10
-
10
ns
SCLK falling to SDOUT valid
tsdo
0
-
32
ns
SDIN valid to SCLK rising setup time
tsdis
16
-
-
ns
SCLK rising to SDIN hold time
tsdih
20
-
-
ns
Crystal Oscillator Specifications (XTI/XTO)
Crystal Frequency Range
fosc
16.384
-
25.600
MHz
1
128
()Fs
---------------------
1
128
()Fs
---------------------
1
64
()Fs
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com