Electronic Components Datasheet Search
  English  ▼

X  

C9827HT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 5 Page - Cypress Semiconductor

  C9827HT Datasheet HTML 1Page - Cypress Semiconductor C9827HT Datasheet HTML 2Page - Cypress Semiconductor C9827HT Datasheet HTML 3Page - Cypress Semiconductor C9827HT Datasheet HTML 4Page - Cypress Semiconductor C9827HT Datasheet HTML 5Page - Cypress Semiconductor C9827HT Datasheet HTML 6Page - Cypress Semiconductor C9827HT Datasheet HTML 7Page - Cypress Semiconductor C9827HT Datasheet HTML 8Page - Cypress Semiconductor C9827HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 5 of 25
Approved Product
Byte 4: DRCG Control Register
(all bits are read and write functional)
Bit
@Pup
Pin#
Description
7
0
-
SS2 Spread Spectrum control bit
(0=down spread, 1=Center spread)
6
0
-
Reserved
5
1
33
3V66_0 Output Enabled
1 = enabled, 0 = disabled
4
1
35
3V66_1/VCH Output Enable
1 = enabled, 0 = disabled
3
1
24
3V66_5 Output Enable
1 = enabled, 0 = disabled
2
1
23
66B2/3V66_4 Output Enabled
1 = enabled, 0 = disabled
1
1
22
66B1/3V66_3 Output Enabled
1 = enabled, 0 = disabled
0
1
21
66B0/3V66_2 Output Enabled
1 = enabled, 0 = disabled
Byte 6: Silicon Signature Register
(all bits are read only)
Bit
@Pup
Pin#
Description
70
-
60
-
50
-
40
-
30
-
20
-
11
-
01
-
Vendor Code
011 = IMI
Note: When writing to this register the device will acknowledge the
write operation, but the data itself will be ignored.
Byte 8: Dial-a-Frequency™ Control Register N
(all bits are read and write functional)
Bit
@Pup
Pin#
Description
70
0
N7, MSB
60
0
N6
50
0
N5
40
0
N4
30
0
N3
20
0
N2
10
0
N3
0
0
0
N0, LSB
66IN to 66M Delay Control Table
Byte5
Bit5
Bit4
Delay (ns)
0
0
4.29
0
1
4.43
1
0
3.95 (default)
1
1
3.95
Byte 5: Clock control register
(all bits are read and write functional)
Bit
@Pup
Pin#
Description
7
0
-
SS1 Spread Spectrum control bit
6
1
-
SS0 Spread Spectrum control bit
5
0
-
66IN to 66M delay Control MSB, See table
4
0
-
66IN to 66M delay Control LSB, See table
3
0
-
Reserved
2
0
-
48MDOT edge rate control. When set to 1,
the edge is slowed by 15%.
1
0
-
Reserved
0
0
-
USB edge rate control. When set to 1, the
edge is slowed by 15%
Byte 7: Watch Dog Time Stamp Register
Bit
@Pup
Pin#
Description
7
0
-
Reserved
6
0
-
Reserved
5
0
-
Reserved
40
-
Reserved
3
0
-
Reserved
2
0
-
Reserved
1
0
-
Reserved
0
0
-
Reserved
Byte 9: Dial-a-Frequency™ Control Register R
(all bits are read and write functional)
Bit
@Pup
Pin#
Description
70
-
R6 MSB
60
-
R5
50
-
R4
40
-
R3
3
0
-R2
2
0
-R1
1
0
-
R0, LSB
0
0
-
R and N register load gate 0=gate closed
(data is latched), 1=gate open (data is
loading from SMBus registers into R and
N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com