Electronic Components Datasheet Search
  English  ▼

X  

C9827HT Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button C9827HT Datasheet HTML 14Page - Cypress Semiconductor C9827HT Datasheet HTML 15Page - Cypress Semiconductor C9827HT Datasheet HTML 16Page - Cypress Semiconductor C9827HT Datasheet HTML 17Page - Cypress Semiconductor C9827HT Datasheet HTML 18Page - Cypress Semiconductor C9827HT Datasheet HTML 19Page - Cypress Semiconductor C9827HT Datasheet HTML 20Page - Cypress Semiconductor C9827HT Datasheet HTML 21Page - Cypress Semiconductor C9827HT Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 18 of 25
Approved Product
PD# (Power Down) Clarification
The PD# (Power Down) pin is used to shut off ALL clocks prior to shutting off power to the device. PD# is an
asynchronous active low input. This signal is synchronized internally to the device powering down the clock
synthesizer. PD# is an asynchronous function for powering up the system. When PD# is low, all clocks are driven to a
low value and held there and the VCO and PLL’s are also powered down. All clocks are shut down in a synchronous
manner so has not to cause glitches while transitioning to the low ‘stopped’ state.
PD# Functionality
PD#
CPU
CPU#
DRCG
66CLK (0:2)
PCI_F/PCI
PCI
USB/DOT
1
Normal
Normal
66M
66Input
66Input/2
66Input/2
48M
0
Iref*2
Float Low
Low
Low
Low
Low
Low
PD# - Assertion (transition from logic ’l’ to logic ‘0’)- Buffered Mode
When PD# is sampled low by two consecutive rising edges of the CPU# clock, then on the next high to low transition
of PCIF, the PCIF clock is stopped low. On the next high to low transition of 66Buff, the 66Buff clock is stopped low.
From this time, each clock will stop low on it’s next high to low transition, except the CPU clock. The CPU clocks are
held with the CPU clock pin driven high with a value of 2 x Iref, and CPU# un-driven. After the last clock has stopped,
the rest of the generator will be shut down.
66Buff[0..2]
PCIF
PWRDWN#
CPU 133MHz
CPU# 133MHz
3V66
66In
REF 14.318MHz
USB 48MHz
Power Down Assertion Timing Waveforms Figure – Buffered Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com