Electronic Components Datasheet Search
  English  ▼

X  

C9827HT Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button C9827HT Datasheet HTML 17Page - Cypress Semiconductor C9827HT Datasheet HTML 18Page - Cypress Semiconductor C9827HT Datasheet HTML 19Page - Cypress Semiconductor C9827HT Datasheet HTML 20Page - Cypress Semiconductor C9827HT Datasheet HTML 21Page - Cypress Semiconductor C9827HT Datasheet HTML 22Page - Cypress Semiconductor C9827HT Datasheet HTML 23Page - Cypress Semiconductor C9827HT Datasheet HTML 24Page - Cypress Semiconductor C9827HT Datasheet HTML 25Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 23 of 25
Approved Product
Package Drawing and Dimensions
56 Pin SSOP Outline Dimensions
INCHES
MILLIMETERS
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
0.095
0.102
0.110
2.41
2.59
2.79
A1
0.008
0.012
0.016
0.20
0.31
0.41
A2
0.088
0.090
0.092
2.24
2.29
2.34
B
0.008
0.010
0.0135
0.203
0.254
0.343
C
0.005
-
0.010
0.127
-
0.254
D
.720
.725
.730
18.29
18.42
18.54
E
0.292
0.296
0.299
7.42
7.52
7.59
e
0.025 BSC
0.635 BSC
H
0.400
0.406
0.410
10.16
10.31
10.41
L
0.024
0.032
0.040
0.61
0.81
1.02
a0º
5º
8º
0º
5º
8º
X
0.085
0.093
0.100
2.16
2.36
2.54
56 Pin TSSOP Outline Dimensions
INCHES
MILLIMETERS
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
-
-
0.047
-
-
1.20
A1
0.002
-
0.006
0.05
-
0.15
A2
0.031
0.039
0.041
0.80
1.00
1.05
B
0.007
-
0.011
0.17
-
0.27
C
0.004
-
0.008
0.09
-
0.20
D
0.547
0.551
0.555
13.90
14.00
14.10
E
0.236
0.240
0.244
6.00
6.10
6.20
e
0.02 BSC
0.50 BSC
H
0.315
0.319
0.323
8.00
8.10
8.20
L
0.018
0.024
0.030
0.45
0.60
0.75
a
0º
-
8º
0º
-
8º
a
B
e
A
A1
A2
D
E
H
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com