Electronic Components Datasheet Search
  English  ▼

X  

C9827HT Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button C9827HT Datasheet HTML 8Page - Cypress Semiconductor C9827HT Datasheet HTML 9Page - Cypress Semiconductor C9827HT Datasheet HTML 10Page - Cypress Semiconductor C9827HT Datasheet HTML 11Page - Cypress Semiconductor C9827HT Datasheet HTML 12Page - Cypress Semiconductor C9827HT Datasheet HTML 13Page - Cypress Semiconductor C9827HT Datasheet HTML 14Page - Cypress Semiconductor C9827HT Datasheet HTML 15Page - Cypress Semiconductor C9827HT Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 12 of 25
Approved Product
1.2V
0V
Iout
Iout
Ros
Ro
VDD3 (3.3V +/- 5%)
Vout = 1.2V max
Vout
Slope ~ 1/R
0
Host Clock (HCSL) Buffer Characteristics
Characteristic
Minimum
Maximum
Ro
3000 Ohms (recommended)
N/A
Ros
Vout
N/A
1.2V
Iout is selectable depending on implementation. The parameters above apply to all configurations. Vout is the voltage
at the pin of the device.
The various output current configurations are shown in the host swing select functions table. For all configurations, the
deviation from the expected output current is +/- 7% as shown in the current accuracy table.
CPU Clock Current Select Function
Mult0
Board Target Trace/Term Z
Reference R, Iref – Vdd (3*Rr)
Output Current
Voh @ Z
0
50 Ohms
Rr = 221 1%, Iref = 5.00mA
Ioh = 4*Iref
1.0V @ 50
1
50 Ohms
Rr = 475 1%, Iref = 2.32mA
Ioh = 6*Iref
0.7V @ 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com