Electronic Components Datasheet Search
  English  ▼

X  

C9827HT Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button C9827HT Datasheet HTML 12Page - Cypress Semiconductor C9827HT Datasheet HTML 13Page - Cypress Semiconductor C9827HT Datasheet HTML 14Page - Cypress Semiconductor C9827HT Datasheet HTML 15Page - Cypress Semiconductor C9827HT Datasheet HTML 16Page - Cypress Semiconductor C9827HT Datasheet HTML 17Page - Cypress Semiconductor C9827HT Datasheet HTML 18Page - Cypress Semiconductor C9827HT Datasheet HTML 19Page - Cypress Semiconductor C9827HT Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 16 of 25
Approved Product
CPU_STP# - Assertion (transition from logic ‘1’ to logic ‘0’)
When CPU_STP# pin is asserted, all CPU outputs that are set with the SMBus configuration to be stoppable via
assertion of CPU_STP# will be stopped after being sampled by 2 falling CPU clock edges. The final state of the
stopped CPU signals is CPU = high and CPU0# = Low. There is no change to the output drive current values during
the stopped state. The CPU is driven high with a current value equal to (Mult 0 ‘select’) x (Iref), and the CPU# signal
will not be driven. Due to external pulldown circuitry CPU# will be low during this stopped state.
CPU_STP#
CPU
CPU#
Assertion CPU_STP# Waveform Figure
CPU_STP# Functionality Table
CPU_STP#
CPU#4
CPU
DRCG
66CLK(0:2)
PCI_F/PCI
PCI
USB/DOT
1
Normal
Normal
66M
66Input
66Input/2
66Input/2
48M
0
Iref*Mult
Float
66M
66Input
66Input/2
66Input/2
48M
CPU_STP# De-assertion (transition from logic ‘0’ to logic ‘1’)
The de-assertion of the CPU_STP# signal will cause all CPU outputs that were stopped to resume normal operation
in a synchronous manner. Synchronous manner meaning that no short or stretched clock pulses will be produces
when the clock resumes. The maximum latency from the de-assertion to active outputs is no more than 2 CPU clock
cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com