Electronic Components Datasheet Search
  English  ▼

X  

AD7606B Datasheet(PDF) 4 Page - Analog Devices

Part # AD7606B
Description  8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606B Datasheet(HTML) 4 Page - Analog Devices

  AD7606B Datasheet HTML 1Page - Analog Devices AD7606B Datasheet HTML 2Page - Analog Devices AD7606B Datasheet HTML 3Page - Analog Devices AD7606B Datasheet HTML 4Page - Analog Devices AD7606B Datasheet HTML 5Page - Analog Devices AD7606B Datasheet HTML 6Page - Analog Devices AD7606B Datasheet HTML 7Page - Analog Devices AD7606B Datasheet HTML 8Page - Analog Devices AD7606B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
AD7606B
Data Sheet
Rev. 0 | Page 4 of 69
SPECIFICATIONS
Voltage reference (VREF) = 2.5 V external and internal, analog supply voltage (AVCC) = 4.75 V to 5.25 V, logic supply voltage (VDRIVE) =
1.71 V to 3.6 V, sample frequency (fSAMPLE) = 800 kSPS, with no oversampling, TA = −40°C to +125°C, single-ended input, and all input
voltage ranges, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Input frequency (fIN) = 1 kHz sine wave, unless
otherwise noted
Signal-to-Noise Ratio (SNR)1
No oversampling (OS), ±10 V range
87.5
89.5
dB
No OS, ±5 V range
86.5
88.5
dB
No OS, ±2.5 V range
83.5
86
dB
Oversampling ratio (OSR) = 16×, ±10 V range
92
93.5
dB
OSR = 16×, ±5 V range
90.5
92
dB
OSR = 16×, ±2.5 V range
87.5
89
dB
Total Harmonic Distortion (THD)
All input ranges
fSAMPLE = 200 kSPS
−105
−94
dB
fSAMPLE = 800 kSPS
−100
−90
dB
Signal-to-Noise-and-Distortion
No OS, ±10 V range
86.5
88.5
dB
No OS, ±5 V range
85.5
87.7
dB
No OS, ±2.5 V range
83
85.5
dB
OSR = 16×, ±10 V range
89
92
dB
OSR = 16×, ±5 V range
89
91.3
dB
OSR = 16×, ±2.5 V range
86.5
88.7
dB
Spurious-Free Dynamic Range
(SFDR)
−104
dB
Channel to Channel Isolation
fIN on unselected channels up to 160 kHz
−110
dB
Full Scale Step Settling Time
0.01% of full scale
±10 V range
70
μs
±5 V range
110
μs
±2.5V range
130
μs
ANALOG INPUT FILTER
Full Power Bandwidth
−3 dB, ±10 V range
22.5
kHz
−3 dB, ±5 V range
13.5
kHz
−3 dB, ±2.5 V range
11.5
kHz
−0.1 dB, ±10 V range
3
kHz
−0.1 dB, ±5 V range
2
kHz
−0.1 dB, ±2.5 V range
2
kHz
Phase Delay
±10 V range
8
µs
±5 V range
9
µs
±2.5 V range
11
µs
Phase Delay Matching
±10 V range
240
ns
±5 V range
365
ns
±2.5 V range
445
ns
DC ACCURACY
Resolution
No missing codes
16
Bits
Differential Nonlinearity (DNL)
±0.5
±0.99
LSB2
Integral Nonlinearity (INL)
fSAMPLE = 200 kSPS
±2
LSB2
fSAMPLE = 800 kSPS
±1.16
±2.5
LSB2
Total Unadjusted Error (TUE)
Internal reference
±3
±47
LSB
Positive and Negative Full-
Scale (FS) Error3
External reference
±2
±30
LSB
Internal reference
±2
±45
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com