Electronic Components Datasheet Search
  English  ▼

X  

AD7606B Datasheet(PDF) 42 Page - Analog Devices

Part # AD7606B
Description  8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606B Datasheet(HTML) 42 Page - Analog Devices

Back Button AD7606B Datasheet HTML 38Page - Analog Devices AD7606B Datasheet HTML 39Page - Analog Devices AD7606B Datasheet HTML 40Page - Analog Devices AD7606B Datasheet HTML 41Page - Analog Devices AD7606B Datasheet HTML 42Page - Analog Devices AD7606B Datasheet HTML 43Page - Analog Devices AD7606B Datasheet HTML 44Page - Analog Devices AD7606B Datasheet HTML 45Page - Analog Devices AD7606B Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
AD7606B
Data Sheet
Rev. 0 | Page 42 of 69
Table 28. Example CRC Calculation for 16-Bit Data1
Data2
0
0
0
0
0
1
1
0
0
1
0
0
1
1
1
0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Process
Data
0
0
0
0
0
1
1
0
0
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Polynomial
1
0
1
1
1
0
1
0
1
0
1
0
1
1
0
1
1
0
1
1
1
0
0
1
1
0
1
1
0
1
1
0
1
1
0
1
0
1
1
1
0
1
0
1
0
1
0
1
1
0
1
1
0
1
0
1
1
1
0
0
0
1
1
1
0
1
1
0
1
0
1
0
1
1
1
0
1
0
1
0
1
0
1
1
0
1
1
0
0
0
0
0
0
1
0
0
1
0
0
0
0
0
0
1
0
0
0
0
0
0
1
0
1
1
1
0
1
0
1
0
1
0
1
1
0
1
1
0
0
1
0
1
0
1
0
1
0
0
0
1
1
0
1
1
0
0
1
0
1
1
1
0
1
0
1
0
1
0
1
1
0
1
1
CRC
0
0
1
0
0
0
0
1
0
0
1
1
0
1
1
1
1
This table represents the division of the data. Blank cells are for formatting purposes.
2
X = don’t care.
Interface Check
The integrity of the digital interface can be checked by setting
the INTERFACE_CHECK_EN bit (Address 0x21, Bit 7).
Selecting the interface check forces the conversion result
registers to a known value, as shown in Table 29.
Verifying that the controller receives the data shown in Table 29
ensures that the interface between the AD7606B and the
controller operates properly. If the interface CRC is enabled
because the data transmitted is known, this mode verifies that
the controller performs the CRC calculation properly.
Table 29. Interface Check Conversion Results
Channel Number
Conversion Result Forced (Hex.)
V1
0xACCA
V2
0x5CC5
V3
0xA33A
V4
0x5335
V5
0xCAAC
V6
0xC55C
V7
0x3AA3
V8
0x3553
SPI Invalid Read/Write
When attempting to read back an invalid register address, the
SPI_READ_ERR bit (Address 0x22, Bit 4) is set. The invalid
readback address detection can be enabled by setting the
SPI_READ_ERR_EN bit (Address 0x21, Bit 4). If an SPI read
error is triggered, it is cleared by overwriting that bit or disabling
the checker.
When attempting to write to an invalid register address or a
read only register, the SPI_WRITE_ERR bit (Address 0x22, Bit 3) is
set. The invalid write address detection can be enabled by
setting the SPI_WRITE _ERR bit (Address 0x21, Bit 3). If an SPI
write error is triggered, it is cleared by overwriting that bit or
disabling the checker.
BUSY Stuck High
BUSY stuck high monitoring is enabled by setting the
BUSY_STUCK_HIGH_ERR_EN bit (Address 0x21, Bit 5).
After this bit is enabled, the conversion time (tCONV in Table 3) is
monitored internally with an independent clock. If tCONV exceeds
4 μs, the AD7606B automatically issues a partial reset and asserts
the BUSY_STUCK_HIGH_ERR bit (Address 0x22, Bit 5). To
clear this error flag, the BUSY_STUCK_HIGH_ERR bit must be
overwritten with a 1.
When oversampling mode is enabled, the individual conversion
time for each internal conversion is monitored.
DIAGNOSTICS MULTIPLEXER
All eight input channels contain a diagnostics multiplexer in
front of the PGA that allows monitoring of the internal nodes
described in Table 30 to ensure the correct operation of the
AD7606B. Table 30 shows the bit decoding for the diagnostic mux
register on Channel 1, as an example. When an internal node is
selected, the input voltage at input pins are deselected from the
PGA, as shown in Figure 81.
Each diagnostic multiplexer configuration is accessed, in
software mode through the corresponding register (Address 0x28
to Address 0x2B). To use the multiplexer on one channel, the
±10 V range must be selected on that channel.
Table 30. Diagnostic Mux Register Bit Decoding of Channel 1
Address 0x18
Bit 2
Bit 1
Bit 0
Signal on Channel 1
0
0
0
V1
0
0
1
Temperature sensor
0
1
0
VREF
0
1
1
4 × ALDO
1
0
0
4 × DLDO
1
0
1
VDRIVE
1
1
0
AGND
1
1
1
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com