Electronic Components Datasheet Search
  English  ▼

X  

AD7606B Datasheet(PDF) 11 Page - Analog Devices

Part # AD7606B
Description  8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606B Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7606B Datasheet HTML 7Page - Analog Devices AD7606B Datasheet HTML 8Page - Analog Devices AD7606B Datasheet HTML 9Page - Analog Devices AD7606B Datasheet HTML 10Page - Analog Devices AD7606B Datasheet HTML 11Page - Analog Devices AD7606B Datasheet HTML 12Page - Analog Devices AD7606B Datasheet HTML 13Page - Analog Devices AD7606B Datasheet HTML 14Page - Analog Devices AD7606B Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
Data Sheet
AD7606B
Rev. 0 | Page 11 of 69
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63
62 61 60 59 58
57 56 55 54 53 52
51 50
49
47
AGND
46
REFGND
45
REFCAPB
42
REFIN/REFOUT
43
REFGND
44
REFCAPA
48
AVCC
41
AGND
40
AGND
39
REGCAP
37
AVCC
36
REGCAP
35
AGND
34
REF SELECT
33
DB15
38
AVCC
2
AGND
3
OS0
4
OS1
7
STBY
6
PAR/SER SEL
5
OS2
1
AVCC
8
RANGE
9
CONVST
10
WR
12
RD/SCLK
13
CS
14
BUSY
15
FRSTDATA
16
DB0
11
RESET
17 18 19
20
21 22 23 24 25 26 27 28 29 30 31 32
AD7606B
(Not to Scale)
TOP VIEW
ANALOG INPUT
DECOUPLING CAPACITOR PIN
POWER SUPPLY
GROUND PIN
DATA OUTPUT
DIGITAL OUTPUT
DIGITAL INPUT
REFERENCE INPUT/OUTPUT
Figure 8. Pin Configuration
Table 8. Pin Function Description
Pin No.
Type1
Mnemonic
Description
1, 37, 38, 48
P
AVCC
Analog Supply Voltage, 4.75 V to 5.25 V. This supply voltage is applied to the internal front-end
amplifiers and to the ADC core. Decouple these supply pins to AGND.
2, 26, 35, 40,
41, 47
P
AGND
Analog Ground. These pins are the ground reference points for all analog circuitry on the
AD7606B. All analog input signals and external reference signals must be referred to these pins. All
six of the AGND pins must connect to the AGND plane of a system.
3 to 5
DI
OS0 to OS2
Oversampling Mode Pins. These inputs select the oversampling ratio or enable software mode
(see Table 12 for oversampling pin decoding). See the Digital Filter section for more details about
the oversampling mode of operation.
6
DI
PAR/SER SEL
Parallel/Serial Interface Selection Input. If this pin is tied to a logic low, the parallel interface is
selected. If this pin is tied to a logic high, the serial interface is selected. See the Digital Interface
section for more information on each interface available.
7
DI
STBY
Standby Mode Input. In hardware mode, this pin, in combination with the RANGE pin, places the
AD7606B in one of two power-down modes: standby mode or shutdown mode. In software mode,
this pin is ignored. Therefore, it is recommended to connect this pin to logic high. See the Power-
Down Modes section for more information on both hardware mode and software mode.
8
DI
RANGE
Analog Input Range Selection Input. In hardware mode, this pin determines the input range of the
analog input channels (see Table 9). If the STBY pin is at logic low, this pin determines the power-
down mode (see Table 14). In software mode, the RANGE pin is ignored. However, this pin must be
tied high or low.
9
DI
CONVST
Conversion Start Input. When the CONVST pin transitions from low to high, the analog input is
sampled on all eight SAR ADCs. In software mode, this pin can be configured as external
oversampling clock. Providing a low jitter external clock improves the SNR performance for large
oversampling ratios. See the External Oversampling Clock section for further details.
10
DI
WR
Digital Input. In hardware mode, this pin has no function. Therefore, it can be tied high, tied low,
or shorted to CONVST. In software mode, this pin is an active low write pin for writing registers
using the parallel interface. See the Parallel Interface section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com