Electronic Components Datasheet Search
  English  ▼

X  

AD7606B Datasheet(PDF) 24 Page - Analog Devices

Part # AD7606B
Description  8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606B Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7606B Datasheet HTML 20Page - Analog Devices AD7606B Datasheet HTML 21Page - Analog Devices AD7606B Datasheet HTML 22Page - Analog Devices AD7606B Datasheet HTML 23Page - Analog Devices AD7606B Datasheet HTML 24Page - Analog Devices AD7606B Datasheet HTML 25Page - Analog Devices AD7606B Datasheet HTML 26Page - Analog Devices AD7606B Datasheet HTML 27Page - Analog Devices AD7606B Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
AD7606B
Data Sheet
Rev. 0 | Page 24 of 69
The AD7606B contains a reference buffer configured to gain the
reference voltage up to approximately 4.4 V, as shown in Figure 49.
The 4.4 V buffered reference is the reference used by the SAR
ADC, as shown in Figure 49. After a reset, the AD7606B operates
in the reference mode selected by the REF SELECT pin. The
REFCAPA and REFCAPB pins must be shorted together
externally, and a ceramic capacitor of 10 μF must be applied to
the REFGND pin to ensure that the reference buffer is in closed-
loop operation. A 10 µF ceramic capacitor is required on the
REFIN/REFOUT pin.
When the AD7606B is configured in external reference mode,
the REFIN/REFOUT pin is a high input impedance pin.
2.5V
REF
REFIN/REFOUT
REFCAPA
10µF
REFCAPB
SAR
BUF
Figure 49. Reference Circuitry
Using Multiple AD7606B Devices
For applications using multiple AD7606B devices, the following
configurations are recommended, depending on the application
requirements.
External Reference Mode
One external reference can drive the REFIN/REFOUT pins of
all AD7606B devices (see Figure 50). In this configuration,
decouple each REFIN/REFOUT pin of the AD7606B with at
least a 100 nF decoupling capacitor.
REF
REF SELECT
REFIN/REFOUT
100nF
1µF
AD7606B
REF SELECT
REFIN/REFOUT
100nF
AD7606B
REF SELECT
REFIN/REFOUT
100nF
AD7606B
Figure 50. Single External Reference Driving Multiple AD7606B
REFIN/REFOUT Pins
Internal Reference Mode
One AD7606B device, configured to operate in internal
reference mode, can drive the remaining AD7606B devices,
which are configured to operate in external reference mode (see
Figure 51). Decouple the REFIN/REFOUT pin of the AD7606B,
configured in internal reference mode, using a 10 µF ceramic
decoupling capacitor. The other AD7606B devices, configured in
external reference mode, must use at least a 100 nF decoupling
capacitor on their REFIN/REFOUT pins.
REF SELECT
REFIN/REFOUT
10µF
VDRIVE
AD7606B
REF SELECT
REFIN/REFOUT
100nF
AD7606B
REF SELECT
REFIN/REFOUT
100nF
AD7606B
+
Figure 51. Internal Reference Driving Multiple AD7606B REFIN/REFOUT Pins
OPERATION MODES
The AD7606B can be operated in hardware or software mode
by controlling the OSx pins (Pin 3, Pin 4, and Pin 5), described
in Table 12.
In hardware mode, the AD7606B is configured depending on
the logic level on the RANGE, OSx, or STBY pins.
In software mode, that is, when all three OSx pins are connected
to logic high level, the AD7606B is configured by the
corresponding registers accessed via the serial or parallel interface.
Additional features are available, as described in Table 13.
The reference and the data interface is selected using the
REF SELECT and PAR/SER SEL pins, in both hardware and
software modes.
Table 12. Oversampling Pin Decoding
OSx Pins
AD7606B
000
No OS
001
2
010
4
011
8
100
16
101
32
110
64
111
Enters software mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com