Electronic Components Datasheet Search
  English  ▼

X  

AD7606B Datasheet(PDF) 3 Page - Analog Devices

Part # AD7606B
Description  8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606B Datasheet(HTML) 3 Page - Analog Devices

  AD7606B Datasheet HTML 1Page - Analog Devices AD7606B Datasheet HTML 2Page - Analog Devices AD7606B Datasheet HTML 3Page - Analog Devices AD7606B Datasheet HTML 4Page - Analog Devices AD7606B Datasheet HTML 5Page - Analog Devices AD7606B Datasheet HTML 6Page - Analog Devices AD7606B Datasheet HTML 7Page - Analog Devices AD7606B Datasheet HTML 8Page - Analog Devices AD7606B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
Data Sheet
AD7606B
Rev. 0 | Page 3 of 69
GENERAL DESCRIPTION
The AD7606B is a 16-bit, simultaneous sampling, analog-to-
digital data acquisition system (DAS) with eight channels,
each channel containing analog input clamp protection, a
programmable gain amplifier (PGA), a low-pass filter, and a
16-bit successive approximation register (SAR), analog-to-digital
converter (ADC). The AD7606B also contains a flexible digital
filter, low drift, 2.5 V precision reference and reference buffer to
drive the ADC and flexible parallel and serial interfaces.
The AD7606B operates from a single 5 V supply and accommo-
dates ±10 V, ±5 V, and ±2.5 V true bipolar input ranges when
sampling at throughput rates of 800 kSPS for all channels. The
input clamp protection tolerates voltages up to ±21 V. The
AD7606B has a 5 MΩ analog input impedance, resulting in less
than 20 LSB bipolar zero code when the input signal is discon-
nected and pulled to ground through a 10 kΩ external resistor.
The single supply operation, on-chip filtering, and high input
impedance eliminates the need for external driver op amps, which
require bipolar supplies. For applications with lower throughput
rates, the AD7606B flexible digital filter can be used to improve
noise performance.
In hardware mode, the AD7606B is fully compatible with the
AD7606. In software mode, the following advanced features are
available:
Additional ±2.5 V analog input range.
Analog input range (±10 V, ±5 V, and ±2.5 V), selectable
per channel.
Additional oversampling (OS) options, up to OS × 256.
System gain, system offset, and system phase calibration
per channel.
Analog input open circuit detector.
Diagnostic multiplexer.
Monitoring functions (serial peripheral interface (SPI)
invalid read/write, cyclic redundancy check (CRC),
overvoltage and undervoltage events, busy stuck monitor,
and reset detection).
Note that throughout this data sheet, multifunction pins, such
as the RD/SCLK pin, are referred to either by the entire pin
name or by a single function of the pin, for example, the SCLK pin,
when only that function is relevant.
Table 1. Pin to Pin Compatible Devices
Resolution
(Bits)
Single-Ended
Bipolar Inputs
True Differential
Bipolar Inputs
18
AD7608
AD7609
16
AD7606
AD7606B
14
AD7607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com