Electronic Components Datasheet Search
  English  ▼

X  

AD7606B Datasheet(PDF) 69 Page - Analog Devices

Part # AD7606B
Description  8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606B Datasheet(HTML) 69 Page - Analog Devices

Back Button AD7606B Datasheet HTML 61Page - Analog Devices AD7606B Datasheet HTML 62Page - Analog Devices AD7606B Datasheet HTML 63Page - Analog Devices AD7606B Datasheet HTML 64Page - Analog Devices AD7606B Datasheet HTML 65Page - Analog Devices AD7606B Datasheet HTML 66Page - Analog Devices AD7606B Datasheet HTML 67Page - Analog Devices AD7606B Datasheet HTML 68Page - Analog Devices AD7606B Datasheet HTML 69Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 69 page
background image
Data Sheet
AD7606B
Rev. 0 | Page 69 of 69
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BCD
TOP VIEW
(PINS DOWN)
1
16
17
33
32
48
49
64
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
12.20
12.00 SQ
11.80
PIN 1
1.60
MAX
0.75
0.60
0.45
10.20
10.00 SQ
9.80
VIEW A
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0.15
0.05
7°
3.5°
0°
Figure 88. 64-Lead Low Profile Quad Flat Package [LQFP]
(ST-64-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD7606BBSTZ
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
AD7606BBSTZ-RL
−40°C to +125°C
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
EVAL-AD7606BFMCZ
Evaluation Board for the AD7606B
EVAL-SDP-CH1Z
Evaluation Controller Board
1
Z = RoHS Compliant Part.
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15137-0-6/19(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com