Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9176 Datasheet HTML 36Page - Analog Devices AD9176 Datasheet HTML 37Page - Analog Devices AD9176 Datasheet HTML 38Page - Analog Devices AD9176 Datasheet HTML 39Page - Analog Devices AD9176 Datasheet HTML 40Page - Analog Devices AD9176 Datasheet HTML 41Page - Analog Devices AD9176 Datasheet HTML 42Page - Analog Devices AD9176 Datasheet HTML 43Page - Analog Devices AD9176 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 151 page
background image
AD9176
Data Sheet
Rev. A | Page 40 of 151
Lane First In/First Out (FIFO)
The FIFOs in front of the crossbar switch and deframer synchro-
nize the samples sent on the high speed serial data interface
with the deframer clock by adjusting the phase of the incoming
data. The FIFO absorbs timing variations between the data
source and the deframer, which allows up to two PCLK cycles of
drift from the transmitter. The FIFO_STATUS_REG_0 register
and FIFO_STATUS_REG_1 register (Register 0x30C and
Register 0x30D, respectively) can be monitored to identify
whether the FIFOs are full or empty.
Lane FIFO IRQ
An aggregate lane FIFO error bit is also available as an IRQ
event. Use Register 0x020, Bit 2 to enable the lane FIFO error
bit, and then use Register 0x024, Bit 2 to read back its status and
reset the IRQ signal. See the Interrupt Request Operation
section for more information.
Crossbar Switch
Register 0x308 to Register 0x30B allow arbitrary mapping of
physical lanes (SERDINx±) to logical lanes used by the SERDES
deframers.
Table 23. Crossbar Registers
Address
Bits
Logical Lane
0x308
[2:0]
SRC_LANE0
0x308
[5:3]
SRC_LANE1
0x309
[2:0]
SRC_LANE2
0x309
[5:3]
SRC_LANE3
0x30A
[2:0]
SRC_LANE4
0x30A
[5:3]
SRC_LANE5
0x30B
[2:0]
SRC_LANE6
0x30B
[5:3]
SRC_LANE7
Write each SRC_LANEy with the number (x) of the desired
physical lane (SERDINx±) from which to obtain data. By
default, all logical lanes use the corresponding physical lane as
their data source. For example, by default, SRC_LANE0 = 0.
Therefore, Logical Lane 0 obtains data from Physical Lane 0
(SERDIN0±). To use SERDIN4± as the source for Logical Lane 0
instead, the user must write SRC_LANE0 = 4.
Lane Inversion
Register 0x334 allows inversion of desired logical lanes, which
can be used to ease routing of the SERDINx± signals. For each
Logical Lane x, set Bit x of Register 0x334 to 1 to invert it.
Deframer
The AD9176 consists of two quad-byte deframers (QBDs) paged
by the LINK_PAGE control in Register 0x300, Bit 2. The deframer
accepts the 8-bit/10-bit encoded data from the deserializer (via
the crossbar switch), decodes it, and descrambles it into JESD204B
frames before passing it to the transport layer to be converted to
DAC samples. The deframer processes four symbols (or octets)
per processing clock (PCLK) cycle.
The deframer uses the JESD204B parameters that the user has
programmed into the register map to identify how the data is
packed, and unpacks it. The JESD204B parameters are described in
detail in the Transport Layer section. Many of the parameters
are also needed in the transport layer to convert JESD204B
frames into samples.
Descrambler
The AD9176 provides an optional descrambler block using a self
synchronous descrambler with the following polynomial:
1 + x14 + x15.
Enabling data scrambling reduces spectral peaks that are
produced when the same data octets repeat from frame to
frame. It also makes the spectrum data independent so that
possible frequency selective effects on the electrical interface do
not cause data dependent errors. Descrambling of the data is
enabled by setting the SCR bit (Register 0x453, Bit 7) to 1.
SYNCING LMFC SIGNALS
The AD9176 requires a synchronization (sync) to align the
LMFC and other internal clocks before the SERDES links are
brought online. The synchronization is a one-shot sync, where
the synchronization process begins on the next edge of the
alignment signal following the assertion of the
SYSREF_MODE_ONESHOT control in Register 0x03A, Bit 1.
In Subclass 1, the SYSREF± rising edge acts as the alignment
edge. In Subclass 0, an internal processing clock acts as the
alignment edge. When a sync has completed, the
SYNC_ROTATION_DONE (Register 0x03A, Bit 4) bit is
asserted and remains asserted until another sync is requested.
After a synchronization occurs, the JESD204B link can be
enabled. In Subclass 1, the latency of the JESD204B system is
deterministic and allows synchronization across multiple
devices, if desired.
SYSREF± Signal
The SYSREF± signal is a differential source synchronous input
that synchronizes the LMFC signals in both the transmitter and
receiver in a JESD204B Subclass 1 system to achieve deterministic
latency.
The SYSREF± signal is a rising edge sensitive signal that is
sampled by the device clock rising edge. It is best practice that
the device clock and SYSREF± signals be generated by the same
source, such as the HMC7044 clock generator, so that the phase
alignment between the signals is fixed. When designing for
optimum deterministic latency operation, consider the timing
distribution skew of the SYSREF± signal in a multipoint link
system (multichip).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com