Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9176 Datasheet HTML 48Page - Analog Devices AD9176 Datasheet HTML 49Page - Analog Devices AD9176 Datasheet HTML 50Page - Analog Devices AD9176 Datasheet HTML 51Page - Analog Devices AD9176 Datasheet HTML 52Page - Analog Devices AD9176 Datasheet HTML 53Page - Analog Devices AD9176 Datasheet HTML 54Page - Analog Devices AD9176 Datasheet HTML 55Page - Analog Devices AD9176 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 151 page
background image
AD9176
Data Sheet
Rev. A | Page 52 of 151
DIGITAL DATAPATH
The AD9176 has two independent digital datapaths, each
typically supplying data samples to the respective DACx core.
However, there are modulator switch configurations that allow
additional ways to route the samples to either DAC0, DAC1, or
both DACs. See the Modulator Switch section for more details.
Each digital datapath consists of multiple channel datapaths
(channelizers) that sum into a single datapath (main datapath),
which in turn connects to its respective DAC core by default
(see Figure 1). The channelizers and the main datapaths are
fully bypassable, depending on the JESD204B mode selected by
the user. There are a variety of digital processing blocks available
within the channelizers and the main datapaths, including
interpolation filters, bypassable NCOs that allow either digital
I/Q modulation of samples or standalone (DDS) operation, PA
protection blocks (power detection and protection (PDP)
block), and digital gain blocks to ramp or set the sample gain.
TOTAL DATAPATH INTERPOLATION
The AD9176 contains two stages of interpolation filters: one
stage is located within each channel datapath and is set to a single
value across all channels, and one stage is located within each main
datapath. The total interpolation for a complete digital datapath
can be determined by multiplying the channel interpolation
factor by the main datapath interpolation factor. The relationship
between the DAC sample rate and input data rate is shown in
the following equation:
Total Interpolation = Channel Interpolation ×
Main Interpolation
fDATA = fDAC/(Channel Interpolation × Main Interpolation)
Each of the various cascaded half-band interpolation filters
covers 80% of the total bandwidth (BW) occupied by the incoming
data. Therefore, if using interpolation (total interpolation > 1), the
available signal BW is 80% of the data rate. If the interpolation
stages are bypassed (total interpolation = 1), the available signal
BW is 50% of the data rate because complex data is not used.
The signal bandwidth is calculated as follows:
Signal BW = 0.8 × fDATA, if total interpolation > 1
Signal BW = 0.5 × fDATA, if total interpolation = 1
The interpolation values are programmed as shown in the
Table 34.
Table 34. Interpolation Factor Register Settings
Interpolation
Factor
Main Datapath,
Register 0x111,
Bits[7:4]
Channel Datapath,
Register 0x111,
Bits[3:0]
1×
0x1
0x1
2×
0x2
0x2
3×
Not applicable
0x3
4×
0x4
0x4
6×
0x6
0x6
8×
0x8
0x8
12×
0xC
Not applicable
Table 35. Interpolation Modes and Useable Bandwidth
Total Interpolation
Available Signal
Bandwidth
fDATA
1× (Bypass)
0.5 × fDATA
fDAC
2×, 4×, 6×, 8×, 12×,
16×, 18×, 24×,
32×, 36×, 48×, 64×
0.8 × fDATA
fDAC/total interpolation
Filter Performance
The interpolation filters interpolate the incoming data samples
so that changes in the incoming data are minimized, while
suppressing any interpolation images.
The usable bandwidth, as shown in Table 35, is defined as the
frequency band over which the filters have a pass-band ripple of
less than ±0.001 dB and an image rejection of greater than 85 dB.
Conceptual drawings that shows the relative bandwidth of each
of the filters are shown in Figure 70 and Figure 71. The maximum
pass-band amplitude of all filters is the same. In Figure 70 and
Figure 71, the amplitudes are intentionally shown to be different
to improve understanding, and in reality the amplitude across
all filters is constant and uniform regardless of the interpolation
rate selected by the user.
–2000
–1000
0
1000
2000
3000
4000
FREQUENCY (MHz)
1× (MAX DAC = 6GHz)
2× (MAX DAC = 8GHz, 12 BITS)
2× (MAX DAC = 6GHz, 16 BITS)
4× (MAX DAC = 12GHz)
6× (MAX DAC = 12GHz)
Figure 70. Band Responses of Total Interpolation Rates for 1×, 2×, 4×, and 6×
at Each Respective Maximum Achievable DAC Rate and Resolution
–1000
–750
–500
–250
0
250
500
750
1000
FREQUENCY (MHz)
8×
12×
16×
18×
24×
32×
36×
48×
64×
Figure 71. Band Responses of Total Interpolation Rates for 8×, 12×, 16×, 18×,
24×, 32×, 36×, 48×, and 64× at a 12 GHz DAC Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com