Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9176 Datasheet HTML 72Page - Analog Devices AD9176 Datasheet HTML 73Page - Analog Devices AD9176 Datasheet HTML 74Page - Analog Devices AD9176 Datasheet HTML 75Page - Analog Devices AD9176 Datasheet HTML 76Page - Analog Devices AD9176 Datasheet HTML 77Page - Analog Devices AD9176 Datasheet HTML 78Page - Analog Devices AD9176 Datasheet HTML 79Page - Analog Devices AD9176 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 151 page
background image
AD9176
Data Sheet
Rev. A | Page 76 of 151
Table 55 lists optional registers to configure the channel datapaths if they are being configured for a specific application. If the channel
datapaths are bypassed (CH_INTERP_MODE = 1 for 1× channel interpolation), Table 55 can be skipped in the start-up sequence.
Table 55. Channel Datapath Setup: Digital Gain and Channel NCOs
R/W
Register
Bits
Value
Description
W
0x008
[5:0]
CHANNEL_PAGE. Select the channels to be programmed at the same time (or repeat this block for each
channel to independently program values). Bit x of this control corresponds to the Channel x datapath.
W
0x146
[7:0]
CHNL_GAIN[7:0]. Write LSBs of channel digital gain. Configure digital gain for selected channels in
Paging Register 0x008. Calculation: CHNL_GAIN = 211 × 10(dB Gain/20) where dB Gain is the gain value
in dB for the channel gain desired.
W
0x147
[7:0]
CHNL_GAIN[11:8]. Write MSBs of channel digital gain. Calculations shown in Register 0x146.
W
0x130
6
Enable NCO for selected channels in paging Register 0x008.
0b0 = disable NCO.
0b1 = enable NCO.
2
Enable NCO modulus for selected channels in paging Register 0x008.
0b0 = disable NCO modulus.
0b1 = enable NCO modulus.
1
Select sideband from modulation result.
0b0 = upper sideband.
0b1 = lower sideband (spectral flip).
0
If dc test mode or NCO test mode is desired, set this bit to 1 to enable the test tone generation.
Otherwise, set this bit to the default value of 0.
Integer NCO mode calculation: DDSC_FTW = (fCARRIER/fNCO) × 248, where fNCO = fDATA/CH_INTERP_MODE.
W
0x132
[7:0]
Write DDSC_FTW[7:0].
W
0x133
[7:0]
Write DDSC_FTW[15:8].
W
0x134
[7:0]
Write DDSC_FTW[23:16].
W
0x135
[7:0]
Write DDSC_FTW[31:24].
W
0x136
[7:0]
Write DDSC_FTW[39:32].
W
0x137
[7:0]
Write DDSC_FTW[47:40].
W
0x138
[7:0]
Write DDSC_NCO_PHASE_OFFSET[7:0]. Calculation: DDSC_NCO_PHASE_OFFSET = (Degrees Offset/180) ×
215.
W
0x139
[7:0]
Write DDSC_NCO_PHASE_OFFSET[15:8].
If using NCO modulus mode, also program modulus parameters. If not, skip this section. For modulus
NCO mode: (fCARRIER/fNCO) = (X + (A/B))/248 where DDSC_ACC_DELTA = A, DDSC_ACC_MODULUS = B, and
DDSC_FTW = X.
W
0x13A
[7:0]
Write DDSC_ACC_MODULUS[7:0].
W
0x13B
[7:0]
Write DDSC_ACC_MODULUS[15:8].
W
0x13C
[7:0]
Write DDSC_ACC_MODULUS[23:16].
W
0x13D
[7:0]
Write DDSC_ACC_MODULUS[31:24].
W
0x13E
[7:0]
Write DDSC_ACC_MODULUS[39:32].
W
0x13F
[7:0]
Write DDSC_ACC_MODULUS[47:40].
W
0x140
[7:0]
Write DDSC_ACC_DELTA[7:0].
W
0x141
[7:0]
Write DDSC_ACC_DELTA[15:8].
W
0x142
[7:0]
Write DDSC_ACC_DELTA[23:16].
W
0x143
[7:0]
Write DDSC_ACC_DELTA[31:24].
W
0x144
[7:0]
Write DDSC_ACC_DELTA[39:32].
W
0x145
[7:0]
Write DDSC_ACC_DELTA[47:40].
W
0x131
0
0b1
Update all NCO phase and FTW words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com