Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9176 Datasheet HTML 26Page - Analog Devices AD9176 Datasheet HTML 27Page - Analog Devices AD9176 Datasheet HTML 28Page - Analog Devices AD9176 Datasheet HTML 29Page - Analog Devices AD9176 Datasheet HTML 30Page - Analog Devices AD9176 Datasheet HTML 31Page - Analog Devices AD9176 Datasheet HTML 32Page - Analog Devices AD9176 Datasheet HTML 33Page - Analog Devices AD9176 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 151 page
background image
AD9176
Data Sheet
Rev. A | Page 30 of 151
SERIAL PORT OPERATION
The serial port is a flexible, synchronous serial communications
port that allows easy interfacing with many industry-standard
microcontrollers and microprocessors. The serial input/output
is compatible with most synchronous transfer formats, including
both the Motorola, Inc., SPI and Intel® SSR protocols. The interface
allows read and write access to all registers that configure the
AD9176. MSB first or LSB first transfer formats are supported.
The serial port interface can be configured as a 4-wire interface
or a 3-wire interface in which the input and output share a
single pin input/output (SDIO). Data can be transferred either
one byte at a time, with the address specified for each read/write
operation, or can be transferred in multibyte mode, with the
address incremented automatically at the end of each transfer
cycle, thus increasing link throughput when multiple read/write
operations to register addresses are sequential.
E5
E7
E4
E6
SCLK
SDIO
SDO
CS
SPI
PORT
Figure 47. Serial Port Interface Pins (144-Ball BGA_ED)
There are two phases to a communication cycle with the
AD9176. Phase 1 is the instruction cycle (the writing of an
instruction byte into the device), coincident with the first
16 SCLK rising edges. The instruction word provides the serial
port controller with information needed for Phase 2 of the
communication cycle, namely the data transfer cycle. The
instruction word defines the starting register address for the
following data transfer and flags, whether the upcoming data
transfer is a read operation or a write operation.
A logic high on the CS pin followed by a logic low resets the
serial port timing to the initial state of the instruction cycle.
From this state, the next 16 rising SCLK edges represent the
instruction bits of the current input/output operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and
the system controller. Phase 2 of the communication cycle is a
transfer of one or more data bytes. Eight × N SCLK cycles are
required to transfer N bytes during the transfer cycle. The registers
update (latch) their data immediately upon writing to the last
bit of each transfer byte.
The FTW and NCO phase offsets change only when the
frequency tuning word load request bit (DDSM_FTW_
LOAD_REQ or DDSC_FTW_LOAD_REQ) is set.
DATA FORMAT
The instruction byte contains the information shown in Table 14.
Table 14. Serial Port Instruction Word
I15 (MSB)
I[14:0]
R/W
A[14:0]
R/W, Bit 15 of the instruction word, determines whether a read
or a write data transfer occurs after the instruction word write.
Logic 1 indicates a read operation, and Logic 0 indicates a write
operation.
A14 to A0, Bit I14 to Bit I0 of the instruction word, determine
the register that is accessed during the data transfer portion of
the communication cycle.
For multibyte transfers, A[14:0] is the starting address. The
remaining register addresses are generated by the device based
on the address increment bit. If the address increment bits are set
high (Register 0x000, Bit 5 and Bit 2), multibyte SPI writes start on
A[14:0] and increment by 1 every eight bits sent/received. If the
address increment bits are set to 0, the address decrements by 1
every eight bits.
SERIAL PORT PIN DESCRIPTIONS
Serial Clock (SCLK)
The serial clock pin synchronizes data to and from the device
and runs the internal state machines. The maximum frequency
of SCLK is 80 MHz. All data input is registered on the rising edge
of SCLK. All data is driven out on the falling edge of SCLK.
Chip Select (CS)
An active low input starts and gates a communication cycle.
CS allows more than one device to be used on the same serial
communications lines. The SDIO pin goes to a high impedance
state when this input is high. During the communication cycle,
the chip select must stay low.
Serial Data Input/Output (SDIO)
This pin is a bidirectional data line. In 4-wire mode, this pin
acts as the data input and SDO acts as the data output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com