Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9176 Datasheet HTML 45Page - Analog Devices AD9176 Datasheet HTML 46Page - Analog Devices AD9176 Datasheet HTML 47Page - Analog Devices AD9176 Datasheet HTML 48Page - Analog Devices AD9176 Datasheet HTML 49Page - Analog Devices AD9176 Datasheet HTML 50Page - Analog Devices AD9176 Datasheet HTML 51Page - Analog Devices AD9176 Datasheet HTML 52Page - Analog Devices AD9176 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 151 page
background image
Data Sheet
AD9176
Rev. A | Page 49 of 151
12. Choose another sample for the same or another M to
continue with the test, until all samples for both converters
from one frame are verified.
Repeated CGS and ILAS Test
As per Section 5.3.3.8.2 of the JESD204B specification, the
AD9176 can check that a constant stream of /K28.5/ characters
is being received, or that CGS followed by a constant stream of
ILAS is being received.
To run a repeated CGS test, send a constant stream of /K28.5/
characters to the AD9176 SERDES inputs. Next, set up the
device and enable the links. Ensure that the /K28.5/ characters are
being received by verifying that SYNCOUT± is deasserted and
that CGS has passed for all enabled link lanes by reading
Register 0x470.
To run the CGS followed by a repeated ILAS sequence test,
follow the procedure to set up the links, but before performing
the last write (enabling the links), enable the ILAS test mode by
writing a 1 to Register 0x477, Bit 7. Then, enable the links. When
the device recognizes four CGS characters on each lane, it
deasserts the SYNCOUTx±. At this point, the transmitter starts
sending a repeated ILAS sequence.
Read Register 0x473 to verify that the initial lane synchronization
has passed for all enabled link lanes.
JESD204B ERROR MONITORING
Disparity, Not in Table, and Unexpected Control (K)
Character Errors
As per Section 7.6 of the JESD204B specification, the AD9176 can
detect disparity errors, not in table (NIT) errors, and unexpected
control character errors, and can optionally issue a sync request
and reinitialize the link when errors occur.
Several other interpretations of the JESD204B specification are
noted in this section. When three NIT errors are injected to one
lane and QUAL_RDERR (Register 0x476, Bit 4) = 1, the readback
values of the bad disparity error (BDE) count register is 1.
Reporting of disparity errors that occur at the same character
position of an NIT error is disabled. No such disabling is per-
formed for the disparity errors in the characters after an NIT
error. Therefore, it is expected behavior that an NIT error may
result in a BDE error.
Checking Error Counts
The error count can be checked for disparity errors, NIT errors,
and unexpected control character errors. The error counts are
on a per lane and per error type basis. Each error type and lane
has a register dedicated to it. To check the error count, the
following steps must be performed:
1.
Choose and enable which errors to monitor by selecting
them in Register 0x480, Bits[5:3] to Register 0x487, Bits[5:3].
Unexpected K (UEK) character, BDE, and NIT error
monitoring can be selected for each lane by writing a 1 to
the appropriate bit, as described in Table 61. These bits are
enabled by default.
2.
The corresponding error counter reset bits are in
Register 0x480, Bits[2:0] to Register 0x487, Bits[2:0].
Write a 1 to the corresponding bit to reset that error
counter.
3.
Registers 0x488, Bits[2:0] to Register 0x48F, Bits[2:0] have
the terminal count hold indicator for each error counter. If
this flag is enabled, when the terminal error count of 0xFF
is reached, the counter ceases counting and holds that
value until reset. Otherwise, it wraps to 0x00 and continues
counting. Select the desired behavior and program the
corresponding register bits per lane.
Check for Error Count Over Threshold
To check for the error count over threshold, follow these steps:
1.
Define the error counter threshold. The error counter
threshold can be set to a user defined value in Register 0x47C,
or left to the default value of 0xFF. When the error threshold is
reached, an IRQ is generated, SYNCOUTx± is asserted, or
both, depending on the mask register settings. This one error
threshold is used for all three types of errors (UEK, NIT,
and BDE).
2.
Set the SYNC_ASSERT_MASK bits. The SYNCOUTx±
assertion behavior is set in Register 0x47D, Bits[2:0]. By
default, when any error counter of any lane is equal to
the threshold, it asserts SYNCOUTx± (Register 0x47D,
Bits[2:0] = 0b111). When setting the SYNC_ASSERT_MASK
bits, LINK_PAGE (Register 0x300, Bit 2) must be set to 1.
3.
Read the error count reached indicator. Each error counter
has a terminal count reached indicator, per lane. This indica-
tor is set to 1 when the terminal count of an error counter
for a particular lane is reached. These status bits are located
in Register 0x490, Bits[2:0] to Register 0x497, Bits[2:0]. Bit 3
can be read back to indicate whether a particular lane is
active.
Error Counter and IRQ Control
For error counter and IRQ control, follow these steps:
1.
Enable the interrupts. Enable the JESD204B interrupts. The
interrupts for the UEK, NIT, and BDE error counters are in
Register 0x4B8, Bits[7:5]. There are other interrupts to
monitor when bringing up the link, such as lane deskewing,
initial lane sync, good check sum, frame sync, code group sync
(Register 0x4B8, Bits[4:0], and configuration mismatch
(Register 0x4B9, Bit 0). These bits are off by default but can
be enabled by writing 0b1 to the corresponding bit.
2.
Read the JESD204B interrupt status. The interrupt status
bits are in Register 0x4BA, Bits[7:0] and Register 0x4BB,
Bit 0, with the status bit position corresponding to the
enable bit position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com