Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 14 Page - Texas Instruments

Part # OrderableDevice
Description  TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 14 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 10Page - Texas Instruments OrderableDevice Datasheet HTML 11Page - Texas Instruments OrderableDevice Datasheet HTML 12Page - Texas Instruments OrderableDevice Datasheet HTML 13Page - Texas Instruments OrderableDevice Datasheet HTML 14Page - Texas Instruments OrderableDevice Datasheet HTML 15Page - Texas Instruments OrderableDevice Datasheet HTML 16Page - Texas Instruments OrderableDevice Datasheet HTML 17Page - Texas Instruments OrderableDevice Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
14
TLV9051, TLV9052, TLV9054
SBOS942F – AUGUST 2018 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TLV9051 TLV9052 TLV9054
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
Third-order filter; bandwidth = 80 kHz at –3 dB.
7.7 Electrical Characteristics: VS (Total Supply Voltage) = (V+) – (V–) = 1.8 V to 5.5 V
For VS = (V+) – (V–) = 1.8 V to 5.5 V (±0.9 V to ±2.75 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
±0.33
±1.6
mV
VS = 5 V
TA = –40°C to 125°C
±2
dVOS/d
T
Drift
VS = 5 V
TA = –40°C to 125°C
±0.5
µV/°C
PSRR
Power-supply rejection ratio
VS = 1.8 V – 5.5 V, VCM = (V–)
±13
±80
µV/V
Channel separation, DC
At DC
100
dB
INPUT BIAS CURRENT
IB
Input bias current
±2
pA
IOS
Input offset current
±1
pA
NOISE
En
Input voltage noise (peak-to-
peak)
VS = 5 V, f = 0.1 Hz to 10 Hz
6
µVPP
en
Input voltage noise density
VS = 5 V, f = 10 kHz
15
nV/
√Hz
VS = 5 V, f = 1 kHz
20
in
Input current noise density
f = 1 kHz
18
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
VS = 1.8 V to 5.5 V
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection
ratio
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V
TA = –40°C to 125°C
80
96
dB
VS = 5.5 V, VCM = –0.1 V to 5.6 V
TA = –40°C to 125°C
62
79
VS = 1.8 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V
TA = –40°C to 125°C
88
VS = 1.8 V, VCM = –0.1 V to 1.9 V
TA = –40°C to 125°C
72
INPUT CAPACITANCE
CID
Differential
2
pF
CIC
Common-mode
4
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 1.8 V, (V–) + 0.04 V < VO < (V+) – 0.04 V,
RL = 10 kΩ
106
dB
VS = 5.5 V, (V–) + 0.05 V < VO < (V+) – 0.05 V,
RL = 10 kΩ
104
128
VS = 1.8 V, (V–) + 0.06 V < VO < (V+) – 0.06 V,
RL = 2 kΩ
108
VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V,
RL = 2 kΩ
130
FREQUENCY RESPONSE
GBW
Gain bandwidth product
VS = 5.5 V, G = +1
5
MHz
φm
Phase margin
VS = 5.5 V, G = +1
60
°
SR
Slew rate
VS = 5.5 V, G = +1, CL= 130 pF
15
V/µs
tS
Settling time
To 0.1%, VS = 5.5 V, 2-V step , G = +1, CL = 100 pF
0.75
µs
To 0.01%, VS = 5.5 V, 2-V step, G = +1, CL = 100 pF
1
tOR
Overload recovery time
VS = 5 V, VIN × gain > VS
0.3
µs
THD +
N
Total harmonic distortion +
noise(1)
VS = 5.5 V, VCM = 2.5 V, VO = 1 VRMS, G = +1, f = 1 kHz
0.0006%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com