Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 19 Page - Texas Instruments

Part # OrderableDevice
Description  TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 19 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 15Page - Texas Instruments OrderableDevice Datasheet HTML 16Page - Texas Instruments OrderableDevice Datasheet HTML 17Page - Texas Instruments OrderableDevice Datasheet HTML 18Page - Texas Instruments OrderableDevice Datasheet HTML 19Page - Texas Instruments OrderableDevice Datasheet HTML 20Page - Texas Instruments OrderableDevice Datasheet HTML 21Page - Texas Instruments OrderableDevice Datasheet HTML 22Page - Texas Instruments OrderableDevice Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
Time (1 Ps/div)
D021
VOUT
VIN
Time (1 Ps)
D020
VOUT
VIN
Capacitive Load (pF)
50
100
150
200
250
300
350
13
13.5
14
14.5
15
15.5
16
16.5
17
D019
Time (2 us/div)
D014
Output
Input
Capacitive Load (pF)
0
50
100
150
200
250
300
350
400
450
0
10
20
30
40
50
60
D016
Overshoot(+)
Overshoot(-)
Capacitive Load (pF)
0
50
100
150
200
250
300
350
400
450
10
20
30
40
50
60
D015
Overshoot(+)
Overshoot(-)
19
TLV9051, TLV9052, TLV9054
www.ti.com
SBOS942F – AUGUST 2018 – REVISED JUNE 2019
Product Folder Links: TLV9051 TLV9052 TLV9054
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
G = +1 V/V
VOUT step = 100 mVp-p
Figure 19. Small-Signal Overshoot vs Load Capacitance
G = –1 V/V
VOUT step = 100 mVp-p
Figure 20. Small-Signal Overshoot vs Load Capacitance
Figure 21. Slew Rate vs Capacitive Load
G = –10 V/V
Figure 22. Overload Recovery
G = +1 V/V
VOUT step = 10
mVp-p
Figure 23. Small-Signal Step Response
G = –1 V/V
VOUT step = 10
mVp-p
Figure 24. Small-Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com