Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 18 Page - Texas Instruments

Part # OrderableDevice
Description  TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 18 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 14Page - Texas Instruments OrderableDevice Datasheet HTML 15Page - Texas Instruments OrderableDevice Datasheet HTML 16Page - Texas Instruments OrderableDevice Datasheet HTML 17Page - Texas Instruments OrderableDevice Datasheet HTML 18Page - Texas Instruments OrderableDevice Datasheet HTML 19Page - Texas Instruments OrderableDevice Datasheet HTML 20Page - Texas Instruments OrderableDevice Datasheet HTML 21Page - Texas Instruments OrderableDevice Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
Capacitive Load (pF)
0
50
100
150
200
250
300
350
0
10
20
30
40
50
60
70
D017
Time (100 Ps/div)
D013
VOUT
VIN
Output Voltage (V)
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
0
20
40
60
80
100
120
140
160
180
DC26
Frequency (Hz)
-30
-20
-10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
D005
G = 1
G = -1
G = 10
G = 100
G = 1000
Frequency (Hz)
-20
0
0
20
20
40
40
60
60
80
80
100
100
120
100
1k
10k
100k
1M
10M
D004
Gain
Phase
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
95
100
105
110
115
120
125
130
135
DC01
VS = 1.8V, RL = 2k:
VS = 5.5V, RL = 2k:
VS = 1.8V, RL = 10k:
VS = 5.5V, RL = 10k:
18
TLV9051, TLV9052, TLV9054
SBOS942F – AUGUST 2018 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TLV9051 TLV9052 TLV9054
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 13. Open Loop Voltage Gain and Phase vs Frequency
Figure 14. Open Loop Voltage Gain vs Temperature
Figure 15. Open Loop Voltage Gain vs Output Voltage
Figure 16. Closed Loop Voltage Gain vs Frequency
Figure 17. Phase Margin vs Capacitive Load
Figure 18. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com