Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 20 Page - Texas Instruments

Part # OrderableDevice
Description  TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 20 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 16Page - Texas Instruments OrderableDevice Datasheet HTML 17Page - Texas Instruments OrderableDevice Datasheet HTML 18Page - Texas Instruments OrderableDevice Datasheet HTML 19Page - Texas Instruments OrderableDevice Datasheet HTML 20Page - Texas Instruments OrderableDevice Datasheet HTML 21Page - Texas Instruments OrderableDevice Datasheet HTML 22Page - Texas Instruments OrderableDevice Datasheet HTML 23Page - Texas Instruments OrderableDevice Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
Frequency (Hz)
-105
-95
-85
-75
-65
100
1k
10k
D023
RL = 10 k:
RL = 2 k:
RL = 600 :
Output Voltage Amplitude (VRMS)
-110
-90
-70
-50
-30
-10
1m
10m
100m
1
D022
G = +1, RL = 10 k:
G = +1, RL = 2 k:
G = +1, RL = 600 :
Time (µs)
0.2
0.4
0.6
0.8
1
1.2
1.4
-30
-20
-10
0
10
20
0.1% Settling = r 2 mV
D010
Time (µs)
0.2
0.4
0.6
0.8
1
1.2
1.4
-30
-20
-10
0
10
20
0.1% Settling = r 2 mV
D009
Time (1 Ps/div)
D012
VOUT
VIN
Time (1 Ps/div)
D011
VOUT
VIN
20
TLV9051, TLV9052, TLV9054
SBOS942F – AUGUST 2018 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TLV9051 TLV9052 TLV9054
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
G = +1 V/V
VOUT step = 4 Vp-p
Figure 25. Large-Signal Step Response
G = –1 V/V
VOUT step = 4 Vp-p
Figure 26. Large-Signal Step Response
CL = 100 pF
G = +1 V/V
Figure 27. Positive Large-Signal Settling Time
CL = 100 pF
G = +1 V/V
Figure 28. Negative Large-Signal Settling Time
VOUT = 0.5 VRMS
G = +1
VCM = 2.5 V
BW = 80 kHz
Figure 29. THD + N vs Frequency
f = 1 kHz
G = +1
VCM = 2.5 V
BW = 80 kHz
Figure 30. THD + N vs Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com