Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 1 Page - Texas Instruments

Part # OrderableDevice
Description  TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 1 Page - Texas Instruments

  OrderableDevice Datasheet HTML 1Page - Texas Instruments OrderableDevice Datasheet HTML 2Page - Texas Instruments OrderableDevice Datasheet HTML 3Page - Texas Instruments OrderableDevice Datasheet HTML 4Page - Texas Instruments OrderableDevice Datasheet HTML 5Page - Texas Instruments OrderableDevice Datasheet HTML 6Page - Texas Instruments OrderableDevice Datasheet HTML 7Page - Texas Instruments OrderableDevice Datasheet HTML 8Page - Texas Instruments OrderableDevice Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Capacitive Load (pF)
50
100
150
200
250
300
350
13
13.5
14
14.5
15
15.5
16
16.5
17
D019
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TLV9051, TLV9052, TLV9054
SBOS942F – AUGUST 2018 – REVISED JUNE 2019
TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/µs High Slew-Rate, RRIO Op Amp
1
1 Features
1
•
High slew rate: 15 V/µs
•
Low quiescent current: 330 µA
•
Rail-to-rail input and output
•
Low input offset voltage: ±0.33 mV
•
Unity-gain bandwidth: 5 MHz
•
Low broadband noise: 15 nV/
√Hz
•
Low input bias current: 2 pA
•
Unity-gain stable
•
Internal RFI and EMI filter
•
Scalable family of CMOS op amps for low-cost
applications
•
Operational at supply voltages as low as 1.8 V
•
Extended temperature range: –40°C to 125°C
2 Applications
•
HVAC: heating, ventilating, and air conditioning
•
Photodiode amplifier
•
Current shunt monitoring for DC motor control
•
White goods (refrigerators, washing machines,
and so forth)
•
Sensor signal conditioning
•
Active filters
•
Low-side current sensing
3 Description
The TLV9051, TLV9052, and TLV9054 devices are
single,
dual,
and
quad
operational
amplifiers,
respectively. The devices are optimized for low
voltage operation from 1.8 V to 5.5 V. The inputs and
outputs can operate from rail to rail at a very high
slew rate. These devices are perfect for cost-
constrained applications where low-voltage operation,
high slew rate, and low quiescent current is needed.
The capacitive-load drive of the TLV905x family is
150
pF,
and
the
resistive
open-loop
output
impedance makes stabilization easier with much
higher capacitive loads.
The TLV905xS devices include a shutdown mode
that allow the amplifiers to be switched off into a
standby mode with typical current consumption less
than 1 µA.
The TLV905x family is easy to use due to the devices
being unity-gain stable, including a RFI and EMI filter,
and being free from phase reversal in an overdrive
condition.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV9051
SOT-23 (5)(2)
1.60 mm × 2.90 mm
SC70 (5)(2)
1.25 mm × 2.00 mm
SOT553 (5)(2)
1.65 mm × 1.20 mm
X2SON (5)(2)
0.80 mm × 0.80 mm
TLV9051S
SOT-23 (6)(2)
1.60 mm × 2.90 mm
TLV9052
SOIC (8)
3.91 mm × 4.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)
3.00 mm × 3.00 mm
SOT-23 (8)(2)
1.60 mm × 2.90 mm
WSON (8)
2.00 mm × 2.00 mm
TLV9052S
VSSOP (10)
3.00 mm × 3.00 mm
X2QFN (10)
1.50 mm × 2.00 mm
TLV9054
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
4.40 mm × 5.00 mm
X2QFN (14)
2.00 mm × 2.00 mm
WQFN (16)
3.00 mm × 3.00 mm
TLV9054S
WQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Package is for preview only.
Single-Pole, Low-Pass Filter
Slew Rate vs Load Capacitance


Similar Part No. - OrderableDevice

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OrderableDevice TI1-OrderableDevice Datasheet
452Kb / 17P
5.0V Reference Diode
OrderableDevice TI1-OrderableDevice Datasheet
1Mb / 25P
CMOS Dual Operational Amplifier
More results

Similar Description - OrderableDevice

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE538 PHILIPS-NE538 Datasheet
178Kb / 7P
High Slew Rate Op Amp
)ctober 7 1987
logo
AUK corp
S4560P AUK-S4560P Datasheet
304Kb / 3P
Dual high slew rate OP AMP
logo
NXP Semiconductors
NE5535 PHILIPS-NE5535 Datasheet
499Kb / 9P
Dual High Slew Rate Op Amp
January 15 1988
logo
Texas Instruments
TLV9051 TI1-TLV9051 Datasheet
1Mb / 26P
5 MHz, 13 V/關s, RRIO CMOS Op Amp for Cost-Sensitive Systems
TLV9051 TI1-TLV9051_18 Datasheet
1Mb / 29P
5 MHz, 13 V/關s, RRIO CMOS Op Amp for Cost-Sensitive Systems
logo
KODENSHI_AUK CORP.
S4560P KODENSHI-S4560P Datasheet
103Kb / 4P
Dual high slew rate OP AMP
SN4560 KODENSHI-SN4560 Datasheet
149Kb / 5P
Dual high slew rate OP AMP
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
5-MHz, 15-V/us high slew-rate, RRIO op amp
TLV9051_1904 TI1-TLV9051_1904 Datasheet
3Mb / 63P
5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9051_1906 TI1-TLV9051_1906 Datasheet
4Mb / 70P
5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com