Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 17 Page - Texas Instruments

Part # OrderableDevice
Description  TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 17 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 13Page - Texas Instruments OrderableDevice Datasheet HTML 14Page - Texas Instruments OrderableDevice Datasheet HTML 15Page - Texas Instruments OrderableDevice Datasheet HTML 16Page - Texas Instruments OrderableDevice Datasheet HTML 17Page - Texas Instruments OrderableDevice Datasheet HTML 18Page - Texas Instruments OrderableDevice Datasheet HTML 19Page - Texas Instruments OrderableDevice Datasheet HTML 20Page - Texas Instruments OrderableDevice Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
0
20
40
60
80
100
120
140
160
180
200
220
DC17
VS = 5.5 V, VCM = -0.1 V to (V+) - 1.4 V
VS = 5.5 V, VCM = -0.1 V to 5.6 V
VS = 1.8 V, VCM = -0.1 V to (V+) - 1.4 V
VS = 1.8 V, VCM = -0.1 V to 5.6 V
Temperature (°C)
-50
-25
0
25
50
75
100
125
10
11
12
13
14
15
16
17
18
19
20
DC18
Frequency (Hz)
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
D024
Frequency (Hz)
0
20
40
60
80
100
120
100
1k
10k
100k
1M
D018
PSRR+
PSRR-
CMRR
Input Common-Mode Voltage (V)
-3
-2
-1
0
1
2
3
0
2
4
6
8
10
12
14
16
18
DC03
IB-
IB+
IOS
Time (1s/div)
D008
17
TLV9051, TLV9052, TLV9054
www.ti.com
SBOS942F – AUGUST 2018 – REVISED JUNE 2019
Product Folder Links: TLV9051 TLV9052 TLV9054
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 7. Input Bias Current and Offset Current vs Common-
Mode Voltage
Figure 8. 0.1-Hz to 10-Hz Input Voltage Noise
Figure 9. Input Voltage Noise Spectral Density vs Frequency
Figure 10. CMRR and PSRR vs Frequency
(Referred to Input)
Figure 11. CMRR vs Temperature
VS = 1.8 V to 5.5 V
Figure 12. PSRR vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com