Electronic Components Datasheet Search
  English  ▼

X  

LM4940 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4940
Description  6W Streo Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4940 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4940 Datasheet HTML 1Page - National Semiconductor (TI) LM4940 Datasheet HTML 2Page - National Semiconductor (TI) LM4940 Datasheet HTML 3Page - National Semiconductor (TI) LM4940 Datasheet HTML 4Page - National Semiconductor (TI) LM4940 Datasheet HTML 5Page - National Semiconductor (TI) LM4940 Datasheet HTML 6Page - National Semiconductor (TI) LM4940 Datasheet HTML 7Page - National Semiconductor (TI) LM4940 Datasheet HTML 8Page - National Semiconductor (TI) LM4940 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (pin 6, referenced
to GND, pins 4 and 5)
18.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
pins 3 and 7
−0.3V to V
DD + 0.3V
pins 1, 2, 8, and 9
−0.3V to 9.5V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (TS)
4˚C/W
θ
JA (TS) (Note 3)
20˚C/W
θ
JC (TA)
4˚C/W
θ
JA (TA) (Note 3)
20˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
10V
≤ V
DD
≤ 16V
Electrical Characteristics V
DD = 12V (Notes 1, 2)
The following specifications apply for V
DD = 12V, AV = 10, RL =4
Ω, f = 1kHz unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4940
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A, No Load
16
40
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND (Note 9)
40
100
µA (max)
V
SDIH
Shutdown Voltage Input High
2.0
V
DD/2
V (min)
V (max)
V
SDIL
Shutdown Voltage Input Low
0.4
V (max)
P
O
Output Power
Single Channel
W (min)
THD+N = 1%
3.1
2.8
THD+N = 10%
4.2
V
DD = 14.4V, THD+N = 10%
6.0
THD+N
Total Harmomic Distortion + Noise
P
O = 1Wrms, AV = 10, f = 1kHz
0.15
%
e
OS
Output Noise
A-Weighted Filter, V
IN = 0V,
Input Referred
10
µV
X
TALK
Channel Separation
P
O =1W
70
dB
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p,fRIPPLE =
1kHz
56
dB
Note 1: All voltages are measured with respect to the GND pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is P DMAX =(TJMAX −TA)/ θJA or the given in Absolute Maximum Ratings, whichever is lower. For the LM4940 typical application (shown
in Figure 1) with VDD = 12V, RL =4Ω stereo operation the total power dissipation is 3.65W. θJA = 20˚C/W for both TO263 and TO220 packages mounted to 16in
2
heatsink surface area.
Note 4: Human body model, 100pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current is measured in a normal room environment. The Shutdown pin should be driven as close as possible to GND for minimum shutdown
current.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com