Electronic Components Datasheet Search
  English  ▼

X  

LM4940 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4940
Description  6W Streo Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4940 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4940 Datasheet HTML 4Page - National Semiconductor (TI) LM4940 Datasheet HTML 5Page - National Semiconductor (TI) LM4940 Datasheet HTML 6Page - National Semiconductor (TI) LM4940 Datasheet HTML 7Page - National Semiconductor (TI) LM4940 Datasheet HTML 8Page - National Semiconductor (TI) LM4940 Datasheet HTML 9Page - National Semiconductor (TI) LM4940 Datasheet HTML 10Page - National Semiconductor (TI) LM4940 Datasheet HTML 11Page - National Semiconductor (TI) LM4940 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Performance Characteristics (Continued)
Channel-to-Channel Crosstalk vs Frequency
Power Supply Current vs Power Supply Voltage
200756A3
V
DD = 12V, RL =8
Ω,P
OUT = 1W, SE operation,
at (from top to bottom at 1kHz): V
INB driven,
V
OUTA measured; VINA driven, VOUTB measured
200756F0
R
L =4
Ω, SE operation
V
IN = 0V, RSOURCE =50
Ω
Clipping Voltage vs Power Supply Voltage
Clipping Voltage vs Power Supply Voltage
200756F1
R
L =4
Ω, SE operation, f
IN = 1kHz
both channels driven and loaded,
at (from top to bottom at 13V):
negative signal swing, positive signal swing
200756F2
R
L =8
Ω, SE operation, f
IN = 1kHz
both channels driven and loaded, at (from top to bottom
at 13V):
negative signal swing, positive signal swing
Power Dissipation vs Ambient Temperature
200756E4
V
DD = 12V, RL =8
Ω (SE), f
IN = 1kHz,
(from top to bottom at 120˚C): 16in
2 copper plane
heatsink area,
8in
2 copper plane heatsink area
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com