Electronic Components Datasheet Search
  English  ▼

X  

LM4940 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4940
Description  6W Streo Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4940 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4940 Datasheet HTML 6Page - National Semiconductor (TI) LM4940 Datasheet HTML 7Page - National Semiconductor (TI) LM4940 Datasheet HTML 8Page - National Semiconductor (TI) LM4940 Datasheet HTML 9Page - National Semiconductor (TI) LM4940 Datasheet HTML 10Page - National Semiconductor (TI) LM4940 Datasheet HTML 11Page - National Semiconductor (TI) LM4940 Datasheet HTML 12Page - National Semiconductor (TI) LM4940 Datasheet HTML 13Page - National Semiconductor (TI) LM4940 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Information (Continued)
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figure 5 through Figure 7 show the recommended two-layer
PC board layout that is optimized for the TO263-packaged
LM4940 and associated external components. This circuit
board is designed for use with an external 12V supply and
4
Ω(min) speakers.
This circuit board is easy to use. Apply 12V and ground to
the board’s V
DD and GND pads, respectively. Connect a
speaker between the board’s OUT
A and OUTB outputs and
their respective GND terminals.
Demonstration Board Layout
20075663
FIGURE 4. Recommended TS PCB Layout:
Top Silkscreen
20075664
FIGURE 5. Recommended TS PCB Layout:
Top Layer
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com