Electronic Components Datasheet Search
  English  ▼

X  

LM4940 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4940
Description  6W Streo Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4940 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4940 Datasheet HTML 6Page - National Semiconductor (TI) LM4940 Datasheet HTML 7Page - National Semiconductor (TI) LM4940 Datasheet HTML 8Page - National Semiconductor (TI) LM4940 Datasheet HTML 9Page - National Semiconductor (TI) LM4940 Datasheet HTML 10Page - National Semiconductor (TI) LM4940 Datasheet HTML 11Page - National Semiconductor (TI) LM4940 Datasheet HTML 12Page - National Semiconductor (TI) LM4940 Datasheet HTML 13Page - National Semiconductor (TI) LM4940 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Information (Continued)
If the result of Equation (3) is greater than that of Equation
(4), then decrease the supply voltage, increase the load
impedance, or reduce the ambient temperature. Further,
ensure that speakers rated at a nominal 4
Ω do not fall below
3
Ω. If these measures are insufficient, a heat sink can be
added to reduce
θ
JA. The heat sink can be created using
additional copper area around the package, with connec-
tions to the ground pins, supply pin and amplifier output pins.
Refer to the Typical Performance Characteristics curves
for power dissipation information at lower output power lev-
els.
POWER SUPPLY VOLTAGE LIMITS
Continuous proper operation is ensured by never exceeding
the voltage applied to any pin, with respect to ground, as
listed in the Absolute Maximum Ratings section.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a voltage regulator typi-
cally use a 10µF in parallel with a 0.1µF filter capacitors to
stabilize the regulator’s output, reduce noise on the supply
line, and improve the supply’s transient response. However,
their presence does not eliminate the need for a local 1.0µF
tantalum bypass capacitance connected between the
LM4940’s supply pins and ground. Do not substitute a ce-
ramic capacitor for the tantalum. Doing so may cause oscil-
lation. Keep the length of leads and traces that connect
capacitors between the LM4940’s power supply pin and
ground as short as possible. Connecting a 10µF capacitor,
C
BYPASS, between the BYPASS pin and ground improves
the internal bias voltage’s stability and improves the amplifi-
er’s PSRR. The PSRR improvements increase as the by-
pass pin capacitor value increases. Too large, however,
increases turn-on time and can compromise the amplifier’s
click and pop performance. The selection of bypass capaci-
tor values, especially C
BYPASS, depends on desired PSRR
requirements, click and pop performance (as explained in
the section, SELECTING EXTERNAL COMPONENTS),
system cost, and size constraints.
MICRO-POWER SHUTDOWN
The LM4940 features an active-low micro-power shutdown
mode. When active, the LM4940’s micro-power shutdown
feature turns off the amplifier’s bias circuitry, reducing the
supply current. The low 40µA typical shutdown current is
achieved by applying a voltage to the SHUTDOWN pin that
is as near to GND as possible. A voltage that is greater than
GND may increase the shutdown current.
There are a few methods to control the micro-power shut-
down. These include using a single-pole, single-throw switch
(SPST), a microprocessor, or a microcontroller. When using
a switch, connect a 100k
Ω pull-up resistor between the
SHUTDOWN pin and V
DD and the SPST switch between the
SHUTDOWN pin and GND. Select normal amplifier opera-
tion by opening the switch. Closing the switch applies GND
to the SHUTDOWN pin, activating micro-power shutdown.
The switch and resistor guarantee that the SHUTDOWN pin
will not float. This prevents unwanted state changes. In a
system with a microprocessor or a microcontroller, use a
digital output to apply the active-state voltage to the SHUT-
DOWN pin.
SELECTING EXTERNAL COMPONENTS
Input Capacitor Value Selection
Two quantities determine the value of the input coupling
capacitor: the lowest audio frequency that requires amplifi-
cation and desired output transient suppression.
As shown in Figure 3, the input resistor (R
IN) and the input
capacitor (C
IN) produce a high pass filter cutoff frequency
that is found using Equation (7).
f
c = 1/2
πR
iCi
(5)
As an example when using a speaker with a low frequency
limit of 50Hz, C
i, using Equation (7) is 0.159µF. The 0.39µF
C
INA shown in Figure 3allows the LM4940 to drive high
efficiency, full range speaker whose response extends below
30Hz.
Output Coupling Capacitor Value Selection
The capacitors C
OUTA and COUTB that block the VDD/2 out-
put DC bias voltage and couple the output AC signal to the
amplifier loads also determine low frequency response.
These capacitors, combined with their respective loads cre-
ate a highpass filter cutoff frequency. The frequency is also
given by Equation (6).
Using the same conditions as above, with a 4
Ω speaker,
C
OUT is 820µF (nearest common valve).
Bypass Capacitor Value
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of C
BYPASS, the capacitor
connected to the BYPASS pin. Since C
BYPASS determines
how fast the LM4940 settles to quiescent operation, its value
is critical when minimizing turn-on pops. The slower the
LM4940’s outputs ramp to their quiescent DC voltage (nomi-
nally V
DD/2), the smaller the turn-on pop. Choosing CBYPASS
equal to 10µF along with a small value of C
IN (in the range of
0.1µF to 0.39µF), produces a click-less and pop-less shut-
down function. As discussed above, choosing C
IN no larger
than necessary for the desired bandwidth helps minimize
clicks and pops.
OPTIMIZING CLICK AND POP REDUCTION
PERFORMANCE
The LM4940 contains circuitry that eliminates turn-on and
shutdown transients ("clicks and pops"). For this discussion,
turn-on refers to either applying the power supply voltage or
when the micro-power shutdown mode is deactivated.
As the V
DD/2 voltage present at the BYPASS pin ramps to its
final value, the LM4940’s internal amplifiers are configured
as unity gain buffers and are disconnected from the AMP
A
and AMP
B pins. An internal current source charges the ca-
pacitor connected between the BYPASS pin and GND in a
controlled manner. Ideally, the input and outputs track the
voltage applied to the BYPASS pin. The gain of the internal
amplifiers remains unity until the voltage applied to the BY-
PASS pin.
The gain of the internal amplifiers remains unity until the
voltage on the bypass pin reaches V
DD/2. As soon as the
voltage on the bypass pin is stable, the device becomes fully
operational and the amplifier outputs are reconnected to
their respective output pins. Although the BYPASS pin cur-
rent cannot be modified, changing the size of C
BYPASS alters
the device’s turn-on time. Here are some typical turn-on
times for various values of C
BYPASS:
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com