Electronic Components Datasheet Search
  English  ▼

X  

LM4940 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4940
Description  6W Streo Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4940 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4940 Datasheet HTML 3Page - National Semiconductor (TI) LM4940 Datasheet HTML 4Page - National Semiconductor (TI) LM4940 Datasheet HTML 5Page - National Semiconductor (TI) LM4940 Datasheet HTML 6Page - National Semiconductor (TI) LM4940 Datasheet HTML 7Page - National Semiconductor (TI) LM4940 Datasheet HTML 8Page - National Semiconductor (TI) LM4940 Datasheet HTML 9Page - National Semiconductor (TI) LM4940 Datasheet HTML 10Page - National Semiconductor (TI) LM4940 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Performance Characteristics (Continued)
Output Power vs Power Supply Voltage
Power Supply Rejection vs Frequency
20075667
R
L =16
Ω, SE operation, f
IN = 1kHz,
both channels driven and loaded (average shown),
at (from top to bottom at 12V): THD+N = 10%,
THD+N = 1%
200756B8
V
DD = 12V, RL =8
Ω, SE operation,
V
RIPPLE = 200mVp-p, at (from top to bottom at 60Hz):
C
BYPASS = 1µF, CBYPASS = 4.7µF, CBYPASS = 10µF,
Power Supply Rejection vs Frequency
Total Power Dissipation vs Load Dissipation
200756D8
V
DD = 12V, RL =8
Ω, SE operation, V
RIPPLE = 200mVp-p,
A
V = 10, at (from top to bottom at 60Hz):
C
BYPASS = 1µF, CBYPASS = 4.7µF, CBYPASS = 10µF
20075681
V
DD = 12V, SE operation, fIN = 1kHz,
at (from top to bottom at 1W):
R
L =4
Ω,R
L =8
Output Power vs Load Resistance
Channel-to-Channel Crosstalk vs Frequency
20075691
V
DD = 12V, SE operation, fIN = 1kHz,
both channels driven and loaded,
at (from top to bottom at 15
Ω):
THD+N = 10%, THD+N = 1%
20075698
V
DD = 12V, RL =4
Ω,P
OUT = 1W, SE operation,
at (from top to bottom at 1kHz): V
INB driven,
V
OUTA measured; VINA driven, VOUTB measured
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com