Electronic Components Datasheet Search
  English  ▼

X  

THNCF032MBA Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # THNCF032MBA
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF032MBA Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button THNCF032MBA Datasheet HTML 35Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 36Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 37Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 38Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 39Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 40Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 41Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 42Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
39/48
Preliminary
I/O Access Write AC Characteristics
SYMBOL
PARAMETER
MIN
MAX
TYP
UNIT
NOTES
tSU (IOWR)
Data setup before
−IOWR
60
tH (IOWR)
Data hold following
−IOWR
30
tW (IOWR)
−IOWR pulse width
165
tSUA (IOWR)
Address setup before
−IOWR
70
tHA (IOWR)
Address hold following
−IOWR
20
tSUCE (IOWR)
−CE setup before −IOWR
5
tHCE (IOWR)
−CE hold following −IOWR
20
tSUREG (IORD)
−REG setup before −IOWR
5
tHREG (IOWR)
−REG hold following −IOWR
0
tDFIOIS16 (ADR)
−IOIS16 delay failing from address
35
tDRIOIS16 (ADR)
−IOIS16 delay rising from address
35
ns
I/O Access Write Timing
−IOIS16
−CE
DIN
−REG
An
tSUA(IOWR)
tW(IOWR)
−IOWR
tSUREG(IOWR)
tHA(IOWR)
tHREG(IOWR)
tHCE(IOWR)
tSUCE(IORD)
tDFIOIS16(ADR)
tDRIOIS16(ADR)
tSU (IOWR) tH (IOWR)
DIN Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com