Electronic Components Datasheet Search
  English  ▼

X  

THNCF032MBA Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # THNCF032MBA
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF032MBA Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button THNCF032MBA Datasheet HTML 20Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 21Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 22Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 23Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 24Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 25Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 26Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 27Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
24/48
Preliminary
6. Cylinder low register
This register contains the low 8-bit of the starting cylinder address, which is started by following sector
transfer command.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Cylinder low byte
7. Cylinder high register
This register contains the high 8-bit of the starting cylinder address, which is started by following sector
transfer command.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Cylinder high byte
8. Drive head register
This register is used for selecting the Drive number and Head number for the following command.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Obsolete
LBA
Obsolete
DRV
Head number
bit
Name
Function
7
Obsolete
This bit is normally set to “1”.
6
LBA
LBA is a flag to select either Cylinder/Head/Sector (CHS) or Logical Block Address
(LBA) mode. When LBA = 0, CHS mode is selected. When LBA=1, LBA mode is
selected. In LBA mode, the Logical Block Address is interrupted as follows:
LBA07
~LBA00:Sector Number Register D7 to D0.
LBA15
~LBA08:Cylinder Low Register D7 to D0.
LBA23
~LBA16:Cylinder High Register D7 to D0.
LBA27~LBA24:Drive / Head Register bits HS3 to HS0.
5
Obsolete
This bit is normally set to “1”.
4
DRV (Drive select)
This bit is used for selecting the Master (Card 0) and Slave (Card 1) in
Master/Slave organization. The card is set to be Card 0 or 1 by using DRV# of the
Socket and Copy register.
3
Head number
This bit is used for selecting the Head number for the following command. Bit 3 is
MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com