Electronic Components Datasheet Search
  English  ▼

X  

THNCF032MBA Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # THNCF032MBA
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF032MBA Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button THNCF032MBA Datasheet HTML 16Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 17Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 18Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 19Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 20Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 21Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 22Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 23Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
20/48
Preliminary
Address
Data
Description of contents
CIS function
114H
1BH
CISTPL_CFTABLE_ENTRY
Tuple code
116H
0FH
TPL_LINK
Tuple link
118H
C3H
Configuration Index Byte
Tuple data
11AH
41H
Interface Descriptor
Tuple data
11CH
99H
Feature Select
Tuple data
11EH
01H
Vcc Selection Byte
Tuple data
120H
55H
Nom V Parameter
Tuple data
122H
EAH
I/O parameter
Tuple data
124H
61H
I/O range length and size
Tuple data
126H
70H
Base address
Tuple data
128H
01H
Base address
Tuple data
12AH
07H
Address length
Tuple data
12CH
76H
Base address
Tuple data
12EH
03H
Base address
Tuple data
130H
01H
Address length
Tuple data
132H
EEH
IRQ parameter
Tuple data
134H
20H
Misc features
Tuple data
136H
1BH
CISTPL_CFTABLE_ENTRY
Tuple code
138H
06H
TPL_LINK
Tuple link
13AH
03H
Configuration Index Byte
Tuple data
13CH
01H
Feature Select
Tuple data
13EH
21H
Vcc Selection Byte
Tuple data
140H
B5H
Nom V Parameter
Tuple data
142H
1EH
Nom V Parameter
Tuple data
144H
4DH
Peak I Parameter
Tuple data
146H
14H
CISTPL_NO_LINK
Tuple code
148H
00H
TPL_LINK
Tuple link
14AH
FFH
CISTPL_END
End of Tuple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com