Electronic Components Datasheet Search
  English  ▼

X  

THNCF032MBA Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # THNCF032MBA
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF032MBA Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button THNCF032MBA Datasheet HTML 28Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 29Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 30Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 31Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 32Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 33Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 34Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 35Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
32/48
Preliminary
2. Sector write: write sector procedure after the card configured I/O interface is shown as follows.
(4) Burst data transfer
N
(5) Read the Status Register
(3) Polling until ready
N
Y
Y
N
I/O Access, INDEX=1
(2) Set write sector command
(1) Set the logical sector number
start
Set the cylinder low/high register
Set the head No. of drive head register
Set the sector number register
Set in sector count register
Set “30h
” in command register
Read the status register
Read 256 times the data register
(512 bytes)
“58h”?
“51h”?
all data
Y
Read the status register
Error handle
“50h”?
Y
N
“51h”?
Wait the command input
N
Y
−IOWR
D0~D15
−IORD
−IREQ
−CE1
A0~A10
−CE2
3H
7H
2H
0H
5H
4H
6H
7H
7H
0H
7H
7H
(4)
(5)
(2)
(1)
(3)
01H 30H
D0H
→58H (Data transfer)
D0H
→50H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com