Electronic Components Datasheet Search
  English  ▼

X  

THNCF032MBA Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # THNCF032MBA
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF032MBA Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button THNCF032MBA Datasheet HTML 19Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 20Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 21Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 22Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 23Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 24Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 25Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 26Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
23/48
Preliminary
1. Data register
This register is a 16-bit register that has read/write ability, and it is used for transferring 1 sector data
between the card and the host. This register can be accessed in word mode and byte mode. This register
overlaps the Error or Feature register.
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
D0 to D15
2. Error register
This register is a read only register, and it is used for analyzing the error content at the card accessing. This
register is valid when the BSY bit in Status register and Alternate Status register are set to “0”(Ready).
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
BBK
UNC
0
IDNF
0
ABRT
0
AMNF
bit
Name
Function
7
BBK(Bad Block detected)
This bit is set when a Bad Block is detected in requester ID field.
6
UNC(Data ECC error)
This bit is set when Uncorrectable error is occurred at reading the card.
4
IDNF(ID Not Found)
The requested sector ID is in error or cannot be found.
2
ABRT(ABoRTed command)
This bit is set if the command has been aborted because of the card status
condition.(Not ready, Write fault, Invalid command, etc.)
0
AMNF(Address Mark Not Found)
This bit is set in case of a general error.
3. Feature register
This register is write-only register, and provides information regarding features of the drive that the host
wishes to utilize.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Feature byte
4. Sector count register
This register contains the numbers of sectors of data requested to be transferred on a read or write operation
between the host and the card. If the value of this register is zero, a count of 256 sectors is specified. In
plural sector transfer, if not successfully completed, the register contains the number of sectors, which need to
be transferred in order to complete, the request.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Sector count byte
5. Sector number register
This register contains the starting sector number, which is started by following sector transfer command.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Sector number byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com