Electronic Components Datasheet Search
  English  ▼

X  

THNCF032MBA Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # THNCF032MBA
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF032MBA Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button THNCF032MBA Datasheet HTML 13Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 14Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 15Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 16Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 17Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 18Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 19Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 20Page - Toshiba Semiconductor THNCF032MBA Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
17/48
Preliminary
CIS information
CIS information of Compact Flash card is defined as follows.
Address
Data
Description of contents
CIS function
000H
01H
CISTPL_DEVICE
Tuple code
002H
03H
TPL_LINK
Tuple link
004H
D9H
Device information
Tuple data
006H
01H
Device information
Tuple data
008H
FFH
END MARKER
End of Tuple
00AH
1CH
CISTPL_DEVICE_OC
Tuple code
00CH
04H
TPL_LINK
Tuple link
00EH
03H
Conditions information
Tuple data
010H
D9H
Device information
Tuple data
012H
01H
Device information
Tuple data
014H
FFH
END MARKER
End of Tuple
016H
18H
CISTPL_JEDEC_C
Tuple code
018H
02H
TPL_LINK
Tuple link
01AH
DFH
PCMCIA’s manufacture’s JEDEC ID code
Tuple data
01CH
01H
PCMCIA’s JEDEC device code
Tuple data
01EH
20H
CISTPL_MANFID
Tuple code
020H
04H
TPL_LINK
Tuple link
022H
98H
Low byte of manufacturer’s ID code
Tuple data
024H
00H
High byte of manufacturer’s ID code
Tuple data
026H
00H
Low byte of product code
Tuple data
028H
00H
High byte of product code
Tuple data
02AH
15H
CISTPL_VERS_1
Tuple code
02CH
20H
TPL_LINK
Tuple link
02EH
04H
TPLLV1_MAJOR
Tuple data
030H
01H
TPLLV1_MINOR
Tuple data
032H
54H
‘ T ’ (Vender Specific Strings)
Tuple data
034H
4FH
‘ O ’ (Vender Specific Strings)
Tuple data
036H
53H
‘ S ’ (Vender Specific Strings)
Tuple data
038H
48H
‘ H ’ (Vender Specific Strings)
Tuple data
03AH
49H
‘ I ’ (Vender Specific Strings)
Tuple data
03CH
42H
‘ B ’ (Vender Specific Strings)
Tuple data
03EH
41H
‘ A ’ (Vender Specific Strings)
Tuple data
040H
20H
‘
’ (Vender Specific Strings)
Tuple data
042H
54H
‘ T ’ (Vender Specific Strings)
Tuple data
044H
48H
‘ H ’ (Vender Specific Strings)
Tuple data
046H
4EH
‘ N ’ (Vender Specific Strings)
Tuple data
048H
43H
‘ C ’ (Vender Specific Strings)
Tuple data
04AH
46H
‘ F ’ (Vender Specific Strings)
Tuple data
04CH
30H
‘ 0 ’ (Card capacity dependent strings)
Tuple data
04EH
30H
‘ 0 ’ (Card capacity dependent strings)
Tuple data
050H
30H
‘ 0 ’ (Card capacity dependent strings)
Tuple data
052H
4DH
‘ M ’ (Card capacity dependent strings)
Tuple data
054H
42H
‘ B ’ (Vender Specific Strings)
Tuple data
056H
41H
‘ A ’ (Vender Specific Strings)
Tuple data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com